データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC2430-RTR1-F64 データシート(PDF) 222 Page - Texas Instruments

部品番号 CC2430-RTR1-F64
部品情報  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 データシート(HTML) 222 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 218Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 219Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 220Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 221Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 222Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 223Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 224Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 225Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 222 of 232
15 Radio Test Output Signals
For debug purposes, the RFSTATUS.SFD,
RFSTATUS.FIFO,
RFSTATUS.FIFOP
and RFSTATUS.CCA bits can be output
onto P1.7 – P1.4 I/O pins to monitor the
status of these signals. These test output
signals are selected by the IOCFG0,
IOCFG1 and IOCFG2 registers.
The debug signals are output to the
following I/O pins:
•
P1.4 – FIFO
•
P1.5 – FIFOP
•
P1.6 – SFD
•
P1.7 - CCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More