データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4060 データシート(PDF) 3 Page - Linear Integrated Systems

部品番号 LTC4060
部品情報  Standalone Linear NiMH/NiCd Fast Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAR [Linear Integrated Systems]
ホームページ  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4060 データシート(HTML) 3 Page - Linear Integrated Systems

  LTC4060 Datasheet HTML 1Page - Linear Integrated Systems LTC4060 Datasheet HTML 2Page - Linear Integrated Systems LTC4060 Datasheet HTML 3Page - Linear Integrated Systems LTC4060 Datasheet HTML 4Page - Linear Integrated Systems LTC4060 Datasheet HTML 5Page - Linear Integrated Systems LTC4060 Datasheet HTML 6Page - Linear Integrated Systems LTC4060 Datasheet HTML 7Page - Linear Integrated Systems LTC4060 Datasheet HTML 8Page - Linear Integrated Systems LTC4060 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC4060
4060f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VBAT = 2.8V, GND = 0V unless otherwise specified. All
currents into the device pins are positive and all currents out of the device pins are negative. All voltages are referenced to GND
unless otherwise specified.
ELECTRICAL CHARACTERISTICS
VUVI2
Undervoltage Lockout Exit Threshold
SEL0 = 0, SEL1 = VCC, VCC Increasing
6.67
6.81
6.95
V
VUVD2
Undervoltage Lockout Entry Threshold
SEL0 = 0, SEL1 = VCC, VCC Decreasing
6.57
6.71
6.85
V
VUVI3
Undervoltage Lockout Exit Threshold
SEL0 = VCC, SEL1 = VCC, VCC Increasing
8.28
8.47
8.65
V
VUVD3
Undervoltage Lockout Entry Threshold
SEL0 = VCC, SEL1 = VCC, VCC Decreasing
8.18
8.37
8.55
V
VUVH
Undervoltage Lockout Hysteresis
For All SEL0, SEL1 Options
100
mV
Charging Performance
IFCH
High Fast Charge Current (Notes 7, 10)
RPROG = 698Ω, 5V < VCC < 10V
1.9
2
2.1
A
IFCL
Low Fast Charge Current (Note 7)
RPROG = 3480Ω, 4.5V < VCC < 10V
0.35
0.4
0.45
A
IPCH
High Precharge Current (Note 7)
RPROG = 698Ω, 4.5V < VCC < 10V
320
400
480
mA
IPCL
Low Precharge Current (Note 7)
RPROG = 3480Ω, 4.5V < VCC < 10V
40
80
120
mA
IBRD
Battery Removal Detection Bias Current
4.5V < VCC < 10V, VBAT = VCC – 0.4V
–450
–300
–160
µA
VBR
Battery Removal Threshold Voltage (Note 8)
VCELL Increasing, 4.5V < VCC < 10V
1.95
2.05
2.15
V
VBRH
Battery Removal Threshold Hysteresis Voltage
VCELL Decreasing
50
mV
(Note 8)
VBOV
Battery Overvoltage Threshold (Note 8)
VCELL Increasing, 4.5V < VCC < 10V
1.85
1.95
2.05
V
VBOVH
Battery Overvoltage Threshold Hysteresis (Note 8) VCELL Decreasing
50
mV
VFCQ
Fast Charge Qualification Threshold Voltage
VCELL Increasing, 4.5V < VCC < 10V
840
900
960
mV
(Note 8)
VFCQH
Fast Charge Qualification Threshold Hysteresis
VCELL Decreasing
50
mV
Voltage (Note 8)
VIDT
Initial Delay Hold-Off Threshold Voltage (Note 8)
VCELL Increasing, 4.5V < VCC < 10V
1.24
1.3
1.36
V
VIDTH
Initial Delay Hold-Off Threshold Hysteresis Voltage VCELL Decreasing
50
mV
(Note 8)
VMDV
–∆V Termination (Note 8)
CHEM = VCC (NiCd)
11
16
21
mV
CHEM = 0V (NiMH)
58
14
mV
VPROG
Program Pin Voltage
4.5V < VCC < 10V, RPROG = 635Ω
1.45
1.5
1.54
V
and 3480Ω
VART
Automatic Recharge Programmed Threshold
VCELL Decreasing, VARCT = 1.1V,
1.065
1.1
1.135
V
Voltage Accuracy (Note 8)
4.5V < VCC < 10V
VARDT
Automatic Recharge Default Threshold Voltage
VCELL Decreasing, VARCT = VCC,
1.235
1.3
1.365
V
Accuracy (Note 8)
4.5V < VCC < 10V
VARH
Automatic Recharge Threshold Voltage Hysteresis
VCELL Increasing
50
mV
(Note 8)
VARDEF
Automatic Recharge Pin Default Enable Threshold
VCC
VCC
V
Voltage
– 0.8
– 0.2
VARDIS
Automatic Recharge Pin Disable Threshold
250
650
mV
Voltage
IARL
Automatic Recharge Pin Pull-Down Current
VARCT = 1.3V
0.15
1.5
µA
VCLD
NTC Pin Cold Threshold Voltage
VNTC Decreasing, 4.5V < VCC < 10V
0.83 •
0.86 •
0.89 •
V
VCC
VCC
VCC
VCLDH
NTC Pin Cold Threshold Hysteresis Voltage
VNTC Increasing
150
mV
VHTI
NTC Pin Hot Charge Initiation Threshold Voltage
VNTC Decreasing, 4.5V < VCC < 10V
0.47 •
0.5 •
0.53 •
V
VCC
VCC
VCC


同様の部品番号 - LTC4060

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
More results

同様の説明 - LTC4060

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
   Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Seaward Electronics Inc...
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
   Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
   Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49017 E-CMOS-EC49017 Datasheet
387Kb / 11P
   Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com