データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPSW01 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 MPSW01
部品情報  NPN General Purpose Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSW01 データシート(HTML) 1 Page - Fairchild Semiconductor

  MPSW01 Datasheet HTML 1Page - Fairchild Semiconductor MPSW01 Datasheet HTML 2Page - Fairchild Semiconductor MPSW01 Datasheet HTML 3Page - Fairchild Semiconductor MPSW01 Datasheet HTML 4Page - Fairchild Semiconductor MPSW01 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MPSW01 Rev. A
MPSW01
NPN General Purpose Amplifier
Features
• This device is designed for general purpose medium power amplifiers
• Sourced from process 37
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Note :
1) These ratings are based on a maximum junction temperature 150 ‘C
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Thermal Characteristics
* Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6cm2
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
1.0
A
PD
Total Device Dissipation
Derate about 25
°C
1.0
8.0
W
mW/
°C
TJ , TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction to Case
*
50
°C/W
RθJA
Thermal Resistance, Junction to Ambien
*
125
°C/W


同様の部品番号 - MPSW01

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MPSW01 MOTOROLA-MPSW01 Datasheet
89Kb / 4P
One Watt High Current Transistors
logo
ON Semiconductor
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
Motorola, Inc
MPSW01A MOTOROLA-MPSW01A Datasheet
89Kb / 4P
One Watt High Current Transistors
logo
Jiangsu Changjiang Elec...
MPSW01A JIANGSU-MPSW01A Datasheet
553Kb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW01A MCC-MPSW01A Datasheet
380Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

同様の説明 - MPSW01

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com