データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2001 データシート(PDF) 3 Page - TEKTRONIX, INC.

部品番号 2001
部品情報  7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEKTRONIX [TEKTRONIX, INC.]
ホームページ  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

2001 データシート(HTML) 3 Page - TEKTRONIX, INC.

  2001 Datasheet HTML 1Page - TEKTRONIX, INC. 2001 Datasheet HTML 2Page - TEKTRONIX, INC. 2001 Datasheet HTML 3Page - TEKTRONIX, INC. 2001 Datasheet HTML 4Page - TEKTRONIX, INC. 2001 Datasheet HTML 5Page - TEKTRONIX, INC. 2001 Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
2001
2002
7½-Digit High Performance Multimeter
8½-Digit High Performance Multimeter
sErVICEs aVaIlablE
2000-SCAN-3Y-EW 1-year factory warranty extended to 3 years
from date of shipment
2001/MEM1-3Y-EW 1-year factory warranty extended to 3 years
from date of shipment
2001/MEM2-3Y-EW 1-year factory warranty extended to 3 years
from date of shipment
2001-SCAN-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
2001-TCSCAN-3Y-EW 1-year factory warranty extended to 3 years
from date of shipment
2001-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
2002/MEM1-3Y-EW 1-year factory warranty extended to 3 years
from date of shipment
2002/MEM2-3Y-EW 1-year factory warranty extended to 3 years
from date of shipment
2002-3Y-EW
1-year factory warranty extended to 3 years
from date of shipment
C/2000-3Y-ISO
3 (ISO-17025 accredited) calibrations within
3 years of purchase for Model 2000-SCAN*
C/2001-3Y-ISO
3 (ISO-17025 accredited) calibrations
within 3 years of purchase for Models 2001,
2001/MEM1, 2001/MEM2, 2001-SCAN,
2001-TCSCAN*
C/2002-3Y-ISO
3 (ISO-17025 accredited) calibrations
within 3 years of purchase for Models 2002,
2002/MEM1, 2002/MEM2*
*Not available in all countries
The built-in AC crest factor measurement helps
ensure the accuracy of AC measurements. Other
DMMs typically perform AC measurements for
signals without excessive crest factor—the ratio
of peak value to rms values. However, when
crest factor rises, measurements may not meet
specs. With a 2001 or 2002, there is no need for
an oscilloscope to determine if the crest factor is
acceptable—the DMM measures it directly.
While some DMMs calculate average AC from the
rms value, these calculations apply only to sine
wave inputs. The 2001 and 2002 measure peak
value, average and true rms directly to obtain
a complete characterization of the signal. This
capability makes these DMMs ideal for AC circuit
design or test applications and for verifying test
voltages specified only in averages.
When measuring AC or digital signals, frequency
is critical. The 2001 and 2002 accurately meas-
ure frequency up to 15MHz. Accurate triggering
on the signal is critical to measure frequency
reliably. The frequency counters in the 2001
and 2002 have a fully adjustable trigger level for
good measurements of noisy signals.
Multiple Measurement Display
The 2001 and 2002 can display DC and AC volts
and the AC frequency from a single measure-
ment connection simultaneously. Several other
multiple-measurement displays are available,
including crest factor and bar graph. By meas-
uring sequentially and displaying simultaneously,
the 2001/2002 operates as if three different
meters are working together.
option slot Extends
DMM Performance
An option slot in the back of the 2001 and 2002
opens the door to a wide range of measurement
capabilities. Choose a 10-channel general-pur-
pose scanner card or a 9-channel thermocouple
scanner card to make measurements on multiple
test points or devices. This can eliminate the
need for a separate scanner and significantly
reduce programming and setup time.
aCCEssorIEs aVaIlablE
TEsT lEaDs aND ProbEs
5805
Kelvin Probes, 0.9m (3ft)
5805-12
Kelvin Probes, 3.6m (12ft)
5808
Low Cost, Single Pin, Kelvin Probes
5809
Low Cost, Kelvin Clip Lead Set
8502
Micro-DIN to 6 BNCs Adapter Box with 8501-1 Cable
8530
Centronics Adapter
8605
High Performance 2-Wire Modular Test Leads
8606
High Performance Modular Probe Kit
8610
Low Thermal Shorting Plug
8680
RTD Probe Adapter
8681
Low Cost RTD
CablEs/aDaPTErs
7007-1
Shielded GPIB Cable, 1m (3.3 ft)
7007-2
Shielded GPIB Cable, 2m (6.6 ft)
8501-1
Trigger-Link Cable, 1m (3.3 ft)
8501-2
Trigger Link Cable, 2m (6.6 ft)
8502
Trigger Link Adapter Box
8610
Low Thermal Shorting Plug
8620
4-Wire DMM Shorting Plug
raCK MouNT KITs
4288-1
Single Fixed Rack Mount Kit
4288-4
Side-by-Side Rack Mount Kit
GPIb INTErfaCEs
KPCI-488LPA IEEE-488 Interface Controller for the PCI Bus
KUSB-488B IEEE-488 USB-to-GPIB Interface Adapter


同様の部品番号 - 2001

メーカー部品番号データシート部品情報
logo
GHz Technology
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
Schurter Inc.
2001 SCHURTER-2001 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
Heyco.
2001 HEYCO-2001 Datasheet
133Kb / 1P
Snap Bushings
logo
Toshiba Semiconductor
2001-000003 TOSHIBA-2001-000003 Datasheet
5Mb / 70P
COLOUR TELEVISION
2001-000007 TOSHIBA-2001-000007 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

同様の説明 - 2001

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
33/4 Digit, Autoranging Multimeter
logo
Agilent(Hewlett-Packard...
E1412A HP-E1412A Datasheet
352Kb / 11P
6.5-Digit High-Accuracy Multimeter C-Size
logo
List of Unclassifed Man...
8808A ETC2-8808A Datasheet
517Kb / 1P
8808A 5.5 Digit Multimeter
logo
Keysight Technologies
E1411B KEYSIGHT-E1411B Datasheet
250Kb / 7P
5.5-Digit Multimeter, C-Size
E1412A KEYSIGHT-E1412A Datasheet
679Kb / 11P
6.5-Digit High-Accuracy Multimeter C-Size
logo
ASM GmbH
4200DT ASM-SENSOR-4200DT Datasheet
4Mb / 12P
HIGH-END- und HIGH-PERFORMANCE-MULTIMETER
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
6쩍-Digit USB Digital Multimeter
2110 TEKTRONIX-2110 Datasheet
864Kb / 4P
5쩍-Digit Dual-Display Digital Multimeter
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
Digital Multimeter Digit height 33mm
logo
Good Will Instrument Co...
GDM-906X GWINSTEK-GDM-906X Datasheet
3Mb / 2P
Digit Measurement Multimeter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com