| データシートサーチシステム |
|
SH79F6489P/080PR データシート(PDF) 106 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6489P/080PR データシート(HTML) 106 Page - SINOWEALTH Electronic Ltd |
|
106 / 152 page ![]() SH79F6488/SH79F6489 106 Table 8.28 ADC Channel Configuration Register 95H Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 ADCH VREF1 VREF0 VREFOS CH2N CH2P CH1N CH1P CH0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) 0 0 0 0 0 0 0 0 Bit Number Bit Mnemonic Description 7-6 VREF[1:0] Internal Reference Voltage Select bits 00: VREF = 0.15 X VDDR 01: VREF = 0.22 X VDDR 10: VREF = 0.30 X VDDR 11: VREF = 0.40 X VDDR This bit is available when VREFIN is 0 5 VREFOS VREF pin Configuration bit 0: P1.0 as I/O Ports 1: P1.0 as ADC reference voltage input pin 4 CH2N AIN2- Channel Configuration bit 0: P1.6 as I/O Ports 1: P1.6 as ADC input (AIN2- or AN3) 3 CH2P AIN2+ Channel Configuration bit 0: P1.5 as I/O Ports 1: P1.5 as ADC input (AIN2+ or AN2) 2 CH1N AIN1- Channel Configuration bit 0: P1.4 as I/O Ports 1: P1.4 as ADC analog input (AIN1-, AIN1) 1 CH1P AIN1+ Channel Configuration bit 0: P1.3 as I/O Ports 1: P1.3 as ADC analog input (AIN1+, AIN0) 0 CH0 AIN0 Channel Configuration bit 0: P1.1-P1.2 as I/O Ports 1: P1.1-P1.2 as ADC analog input (AIN0+, AIN0-) |