| データシートサーチシステム |
|
SH79F6489P/080PR データシート(PDF) 116 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6489P/080PR データシート(HTML) 116 Page - SINOWEALTH Electronic Ltd |
|
116 / 152 page ![]() SH79F6488/SH79F6489 116 Table 8.35 USB Interrupt Vector Register 2 F8H (Bank1) Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 USBIF2 - OEP2IF OEP1IF OEP0IF - IEP2IF IEP1IF IEP0IF R/W - R/W R/W R/W - R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) - 0 0 0 - 0 0 0 Bus Reset Value (USB RESET) - U U U - U U U USB Software Reset Value - 0 0 0 - 0 0 0 Bit No. Bit Mnemonic Description 6 OEP2IF Endpoint 2 OUT Interrupt Flag bit 0: No Endpoint 2 OUT transaction occurred, cleared by software 1: Set by hardware to indicate Endpoint 2 OUT transaction occurred 5 OEP1IF Endpoint 1 OUT Interrupt Flag bit 0: No Endpoint 1 OUT transaction occurred, cleared by software 1: Set by hardware to indicate Endpoint 1 OUT transaction occurred 4 OEP0IF Endpoint 0 OUT Interrupt Flag bit 0: No Endpoint 0 OUT transaction occurred, cleared by software 1: Set by hardware to indicate Endpoint 0 OUT transaction occurred 2 IEP2IF Endpoint 2 IN Interrupt Flag bit 0: No Endpoint 2 IN transaction occurred, cleared by software 1: Set by hardware to indicate Endpoint 2 IN transaction occurred 1 IEP1IF Endpoint 1 IN Interrupt Flag bit 0: No Endpoint 1 IN transaction occurred, cleared by software 1: Set by hardware to indicate Endpoint 1 IN transaction occurred 0 IEP0IF Endpoint 0 IN Interrupt Flag bit 0: No Endpoint 0 IN transaction occurred, cleared by software 1: Set by hardware to indicate Endpoint 0 IN transaction occurred |