| データシートサーチシステム |
|
AM6546BACDXA データシート(PDF) 145 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546BACDXA データシート(HTML) 145 Page - Texas Instruments |
|
145 / 284 page ![]() Figure 7-5 describes the Power-Up Sequencing using External Power-on-reset (POR), bypassing on-chip POR circuit of the device. Note 6 SPRSP08_ELCH_04 Note 7 Note 8 VDDA_ADC_MCU, VDDA_LDO_WKUP, VDDA_POR_WKUP, VDDS0_WKUP , VDDS1_WKUP , VDDS2_WKUP , VDDS0 , VDDS1 ,VDDS2 , VDDS3 , VDDS4 , VDDS5 , VDDS6 , VDDS7 , VDDS8 , VDDA_1P8_CSI0, VDDA_1P8_OLDI0, VDDA_1P8_SERDES0, VDDA_MCU, VDDA_PLL_CORE, VDDA_PLL0_DDR, VDDA_PLL1_DDR, VDDA_PLL_DSS, VDDA_PLL_MPU0, VDDA_PLL_MPU1, VDDA_PLL_PER0, VDDA_SRAM_CORE0, VDDA_SRAM_CORE1, VDDA_SRAM_MPU0, VDDA_SRAM_MPU1, VDDA_WKUP, VDDS_OSC1 (2) (2) (2) (2) (2) (2) (2) (2) (2) (2) (2) (2) VDDA_3P3_IOLDO_WKUP, VDDA_3P3_SDIO, VDDA_3P3_USB VDDA_3P3_IOLDO0, VDDA_3P3_IOLDO1, VDDS_DDR WKUP_OSC0_XI, WKUP_OSC0_XO (13) RESETz, MCU_RESETz RESETSTATz, MCU_RESETSTATz WKUP_LFOSC0_XI, WKUP_LFOSC0_XO (optional) (3)(13) OSC1_XI, OSC1_XO (optional) (9)(13) PORz_OUT, MCU_PORz_OUT (12) MCU_BYP_POR (5) PORz, MCU_PORz (4) VDDSHV0_WKUP,VDDSHV1_WKUP, VDDSHV2_WKUP, VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4, VDDSHV5, VDDSHV6, VDDSHV7, VDDSHV8 VDD_MPU0, VDD_MPU1 VDD_CORE, VDD_DLL_MMC0, VDD_DLL_MMC1 VDD_MCU VDD_WKUP0, VDD_WKUP1 Note 11 Figure 7-5. Power-Up Sequencing using External Power-on-reset (POR), bypassing on-chip POR circuit 7.9.2.4 Power-Down Sequencing A typical power down sequence is to have the Power-on-Reset asserted, clock shut down, and ramp down all the power supplies sequentially in the exact reverse order of the power-up sequencing. In other words, the power supply that has been ramped up first should be the last one that is ramped down. For AM654x/AM652x, there are no specific power-down sequencing requirements, except for asserting Power- on-Reset before ramping down the rails while bypassing internal POR. www.ti.com AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 145 Product Folder Links: AM6548 AM6528 AM6546 AM6526 |