データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9788 データシート(PDF) 206 Page - STMicroelectronics

部品番号 L9788
部品情報  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 データシート(HTML) 206 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 202Page - STMicroelectronics L9788 Datasheet HTML 203Page - STMicroelectronics L9788 Datasheet HTML 204Page - STMicroelectronics L9788 Datasheet HTML 205Page - STMicroelectronics L9788 Datasheet HTML 206Page - STMicroelectronics L9788 Datasheet HTML 207Page - STMicroelectronics L9788 Datasheet HTML 208Page - STMicroelectronics L9788 Datasheet HTML 209Page - STMicroelectronics L9788 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 264 page
background image
Micro second channel (MSC) interface
L9788
206/264
DS12308 Rev 4
1: no functionality
[5] STR1_UC
0→1: micro command for fast diagnostic activation for relay driver STR1
0: no functionality (default)
1: no functionality
[4] RLY5_UC
0→1: micro command for fast diagnostic activation for relay driver RLY5
0: no functionality (default)
1: no functionality
[3] RLY4_UC
0→1: micro command for fast diagnostic activation for relay driver RLY4
0: no functionality (default)
1: no functionality
[2] RLY3_UC
0→1: micro command for fast diagnostic activation for relay driver RLY3
0: no functionality (default)
1: no functionality
[1] RLY2_UC
0→1: micro command for fast diagnostic activation for relay driver RLY2
0: no functionality (default)
1: no functionality
[0] RLY1_UC
0→1: micro command for fast diagnostic activation for relay driver RLY1
0: no functionality (default)
1: no functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More