| データシートサーチシステム |
|
CS47L35 データシート(PDF) 112 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 データシート(HTML) 112 Page - Cirrus Logic |
|
112 / 300 page ![]() 112 DS1085F3 CS47L35 4.6 Digital Audio Interface Fig. 4-42 shows an example of DSP Mode B format. Six enabled audio channels are shown, with time slots 4 and 5 unused. Figure 4-42. DSP Mode B Example Fig. 4-43 shows an example of I2S format. Four enabled channels are shown, allocated to time slots 0 through 3. Figure 4-43. I2S Example Fig. 4-44 shows an example of left-justified format. Six enabled channels are shown. Figure 4-44. Left-Justified Example LRCLK Slot 0 Slot 1 Slot 2 Slot 3 Slot 4 Slot 5 Slot 6 Slot 7 ... Slot 0 Slot 2 Slot 1 Slot 3 Channel 1 Channel 2 Channel 3 Channel 4 BCLK TXDAT/ RXDAT Slot 6 Slot 7 Channel 5 Channel 6 AIF1[TX1/RX1]_SLOT = 2 AIF1[TX2/RX2]_SLOT = 3 AIF1[TX3/RX3]_SLOT = 0 AIF1[TX4/RX4]_SLOT = 1 AIF1[TX5/RX5]_SLOT = 6 AIF1[TX6/RX6]_SLOT = 7 LRCLK Slot 0 Slot 2 Slot 4 ... Slot 1 Slot 3 Slot 5 ... Slot 3 Slot 0 Slot 1 Channel 1 Channel 2 Channel 3 Channel 4 BCLK TXDAT/ RXDAT Slot 2 AIF1[TX1/RX1]_SLOT = 0 AIF1[TX3/RX3]_SLOT = 2 AIF1[TX2/RX2]_SLOT = 1 AIF1[TX4/RX4]_SLOT = 3 LRCLK Slot 0 Slot 2 Slot 4 ... Slot 1 Slot 3 Slot 5 ... Slot 0 Channel 1 Channel 4 BCLK TXDAT/ RXDAT Channel 2 Slot 4 Channel 3 Slot 3 Channel 6 Slot 1 Slot 2 Channel 5 Slot 5 AIF1[TX5/RX5]_SLOT = 0 AIF1[TX6/RX6]_SLOT = 2 AIF1[TX2/RX2]_SLOT = 4 AIF1[TX3/RX3]_SLOT = 1 AIF1[TX1/RX1]_SLOT = 5 AIF1[TX4/RX4]_SLOT = 3 |