データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSTTR データシート(PDF) 168 Page - STMicroelectronics

部品番号 LSM6DSTTR
部品情報  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTTR データシート(HTML) 168 Page - STMicroelectronics

Back Button LSM6DSTTR Datasheet HTML 164Page - STMicroelectronics LSM6DSTTR Datasheet HTML 165Page - STMicroelectronics LSM6DSTTR Datasheet HTML 166Page - STMicroelectronics LSM6DSTTR Datasheet HTML 167Page - STMicroelectronics LSM6DSTTR Datasheet HTML 168Page - STMicroelectronics LSM6DSTTR Datasheet HTML 169Page - STMicroelectronics LSM6DSTTR Datasheet HTML 170Page - STMicroelectronics LSM6DSTTR Datasheet HTML 171Page - STMicroelectronics LSM6DSTTR Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 180 page
background image
Sensor hub register description
LSM6DST
168/180
DocID033525 Rev 2
17.16
SENSOR_HUB_16 (11h)
Sensor hub output register (r)
Sixteenth byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from
x = 0 to x = 3).
17.17
SENSOR_HUB_17 (12h)
Sensor hub output register (r)
Seventeenth byte associated to external sensors. The content of the register is consistent
with the SLAVEx_CONFIG number of read operation configurations (for external sensors
from x = 0 to x = 3).
17.18
SENSOR_HUB_18 (13h)
Sensor hub output register (r)
Eighteenth byte associated to external sensors. The content of the register is consistent
with the SLAVEx_CONFIG number of read operation configurations (for external sensors
from x = 0 to x = 3).
Table 408. SENSOR_HUB_16 register
Sensor
Hub16_7
Sensor
Hub16_6
Sensor
Hub16_5
Sensor
Hub16_4
Sensor
Hub16_3
Sensor
Hub16_2
Sensor
Hub16_1
Sensor
Hub16_0
Table 409. SENSOR_HUB_16 register description
SensorHub16[7:0] Sixteenth byte associated to external sensors
Table 410. SENSOR_HUB_17 register
Sensor
Hub17_7
Sensor
Hub17_6
Sensor
Hub17_5
Sensor
Hub17_4
Sensor
Hub17_3
Sensor
Hub17_2
Sensor
Hub17_1
Sensor
Hub17_0
Table 411. SENSOR_HUB_17 register description
SensorHub17[7:0] Seventeenth byte associated to external sensors
Table 412. SENSOR_HUB_17 register
Sensor
Hub18_7
Sensor
Hub18_6
Sensor
Hub18_5
Sensor
Hub18_4
Sensor
Hub18_3
Sensor
Hub18_2
Sensor
Hub18_1
Sensor
Hub18_0
Table 413. SENSOR_HUB_17 register description
SensorHub18[7:0] Eighteenth byte associated to external sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More