データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 36 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 36 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 32Page - Infineon Technologies AG BTN8962 Datasheet HTML 33Page - Infineon Technologies AG BTN8962 Datasheet HTML 34Page - Infineon Technologies AG BTN8962 Datasheet HTML 35Page - Infineon Technologies AG BTN8962 Datasheet HTML 36Page - Infineon Technologies AG BTN8962 Datasheet HTML 37Page - Infineon Technologies AG BTN8962 Datasheet HTML 38Page - Infineon Technologies AG BTN8962 Datasheet HTML 39Page - Infineon Technologies AG BTN8962 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
The corresponding break-even points for the BTN8960/62 and BTN8980/82 can be calculated for the load
current IL accordingly:
IL = dkILIS ⋅ IIS − IIS offset = dkILIS ⋅ IIS lim − IIS offset
Equation 16
IL = 7, 2 ⋅ 103 ⋅ 4 mA − 440 µA ≈ 25, 6 A
Equation 17
IL = 14 ⋅ 103 ⋅ 4 mA − 385 µA ≈ 50, 6 A
Equation 18
For such a system, it wouldn’t be possible to distinguish easily between the fault condition current IIS(lim) and a
current sense signal, for IL > 25 A if the BTN8960/62 is used, and IL > 50 A for the BTN8980/82. For a more precise
consideration, also the temperature dependency of IIS(lim), dkILIS and IIS(offset) has to be considered. For the given
critical area for load currents IL > 25 A, especially the parameters dkILIS and IIS(lim) have the greatest influence.
The temperature dependency of dkILIS is described in Chapter 4.1.3, and of IIS(lim) in Chapter 4.5.2.1:
For a rising temperature, the fault condition current IIS(lim) increases, and vice versa.
For a rising temperature the dkILIS decreases and vice versa.
This relationship is also illustrated by Figure 29.
IIS
load current - IL
IIS(lim)
IIS(lim)
30A
rising temperature
ΔI
IS
ΔI
IS
IIS(lim)
dkILIS
cold
hot
Figure 29 Illustration of the temperature dependencies of the fault distance and relevant parameters
Additionally the difference between the fault condition current IIS(lim) and the sensed current IIS(IL) can be
calculated as follows:
BTN8960 /62 /80 /82
High Current PN Half Bridge
Current Sense Improvement
Application Note
36
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com