データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 48 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 48 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 44Page - Infineon Technologies AG BTN8962 Datasheet HTML 45Page - Infineon Technologies AG BTN8962 Datasheet HTML 46Page - Infineon Technologies AG BTN8962 Datasheet HTML 47Page - Infineon Technologies AG BTN8962 Datasheet HTML 48Page - Infineon Technologies AG BTN8962 Datasheet HTML 49Page - Infineon Technologies AG BTN8962 Datasheet HTML 50Page - Infineon Technologies AG BTN8962 Datasheet HTML 51Page - Infineon Technologies AG BTN8962 Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
5.1
BTN8982TA Switching Time Dependency on Slew Rate Resistance
Unless otherwise specified, the times are specified for VS = 13,5 V, -40 °C ≤ T ≤ 150 °C, Rload = 2 Ω, 30 µH < Lload <
40 µH (in series to Rload) and single pulse. The typical values are based on the test of all product in the past
years. The maximum and minimum values are based on the ±3σ and are replaced by test limits in the case of
exceeding the datasheet.
5.1.1
Timing behavior for rising edge on high-side switch
Figure 41 tr(HS): Dependency of the slew rate resistor RSR on the rise-time of the high-side switch of
BTN8982TA
BTN8960 /62 /80 /82
High Current PN Half Bridge
Switching Timing
Application Note
48
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com