データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 5 Page - Infineon Technologies AG

  BTN8962 Datasheet HTML 1Page - Infineon Technologies AG BTN8962 Datasheet HTML 2Page - Infineon Technologies AG BTN8962 Datasheet HTML 3Page - Infineon Technologies AG BTN8962 Datasheet HTML 4Page - Infineon Technologies AG BTN8962 Datasheet HTML 5Page - Infineon Technologies AG BTN8962 Datasheet HTML 6Page - Infineon Technologies AG BTN8962 Datasheet HTML 7Page - Infineon Technologies AG BTN8962 Datasheet HTML 8Page - Infineon Technologies AG BTN8962 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
1
Motor Configurations
Electrical motors are built with various architectures. Mechanically commutated motors with brushes, so called
DC motors or electrically commutated motors, so called BLDC motors (BrushLess DC motors). Due to the
flexibility of the half-bridge concept, the NovalithIC™family can support all of them.
Using NovalithIC™ controlling a DC-motor has the following advantages:
Extremely low parasitic inductances between high-side and low-side MOSFET.
Optimized switching performance of the MOSFET’s to reduce power losses and EMC emission.
Driving the motor with PWM for torque and speed control.
Integrated freewheeling transistor.
Integrated current measurement.
Integrated diagnosis and protection.
Microcontroller compatible input pins.
Small and PCB-area saving package.
1.1
Half-bridge configuration for mono-directional motor control
Figure 2 shows the design of a mono-directional motor control with NovalithIC™. In most cases, the motor is
connected between “OUT” and “GND”. This is because the chassis of a car is “GND”, and therefore a short to
“GND” is much more probable than a short to “Vs”. For this reason it is statistically safer with a motor connected
to “GND”, because if a short occurs in this case, the motor is not running.
Generally, it is also possible to use the NovalithIC™ to drive the motor between “OUT” and “Vs”. The inverted “IN”
signal must be respected.
M
XC866
TLE
4278G
VS
I/O
Reset
Vdd
Vss
WO
RO
Q
D
GND
I
Microcontroller
Reverse Polarity
Protection
(IPD90P03P4L-04)
Voltage Regulator
C9
100nF
CD
47nF
CQ
22µF
C10
470µF/
R3
10k
DZ1
10V
R1
10k
R2
10k
R11
0..51k
R12
1k
I/O
I/O
I/O
CI
470nF
CIS
1nF
CO 2V
220nF
C1
47µF/
100µF
L1
INH
IN
IS
SR
BTN89xx
VS
OUT
GND
COUT
220nF
C2
100nF
1000µF
Figure 2
Application circuit for a monodirectional motor with BTN8962/82
BTN8960 /62 /80 /82
High Current PN Half Bridge
Motor Configurations
Application Note
5
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com