データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 65 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 65 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 61Page - Infineon Technologies AG BTN8962 Datasheet HTML 62Page - Infineon Technologies AG BTN8962 Datasheet HTML 63Page - Infineon Technologies AG BTN8962 Datasheet HTML 64Page - Infineon Technologies AG BTN8962 Datasheet HTML 65Page - Infineon Technologies AG BTN8962 Datasheet HTML 66Page - Infineon Technologies AG BTN8962 Datasheet HTML 67Page - Infineon Technologies AG BTN8962 Datasheet HTML 68Page - Infineon Technologies AG BTN8962 Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
Event generation(Interrupt)
IN
VOUT
t
t
VS·80%
Upper Boundary
Stop timer
Start timer
tr(HS),total
Figure 69 Measurement procedure for the total rising time tr(HS),total based on two voltage
measurements
5.4.2
Current sense based calibration
Two different calibration methods are available when only the current sense signal is monitored. One of these
can be implemented as an end of line test, while the other is performed during live operation.
XC866
TLE
4278G
VS
I/O
Reset
Vdd
Vss
WO
RO
Q
D
GND
I
Microcontroller
Reverse Polarity
Protection
(IPD90P03P4L-04)
Voltage Regulator
C9
100nF
CD
47nF
CQ
22µF
C10
470µF
R3
10k
DZ1
10V
R1
10k
R2
10k
R11
0..51k
R12
1k
I/O
I/O
I/O
CI
470nF
CIS
1nF
CO2V
220nF
C1
100nF
L1
COUT
220nF
C2
100nF
VS
OUT
INH
IN
IS
SR
GND
BTN89xxTA
Rtest
Figure 70 End of line test setup for timing calibration with ohmic load Rtest
BTN8960 /62 /80 /82
High Current PN Half Bridge
Switching Timing
Application Note
65
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
   High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com