データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 66 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 66 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 62Page - Infineon Technologies AG BTN8962 Datasheet HTML 63Page - Infineon Technologies AG BTN8962 Datasheet HTML 64Page - Infineon Technologies AG BTN8962 Datasheet HTML 65Page - Infineon Technologies AG BTN8962 Datasheet HTML 66Page - Infineon Technologies AG BTN8962 Datasheet HTML 67Page - Infineon Technologies AG BTN8962 Datasheet HTML 68Page - Infineon Technologies AG BTN8962 Datasheet HTML 69Page - Infineon Technologies AG BTN8962 Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
To determine the delay for a rising edge tr(HS),total, the voltage limit is set to the corresponding current level,
which is reached with a voltage drop of 80% of VOUT ≈ VS over the test resistor Rtest, as shown in the test setup in
Figure 70. As this test is based on the concurrency of the output voltage and current IL, only an ohmic load
should be used. This setup results in the direct proportional context of IL = VS ⁄ Rtest and with the current sense
function from Chapter 4.5:
IIS =
IL
dkILIS
+ IIS offset =
Vs
dkILIS ⋅ Rtest
+ IIS offset
Equation 25
The resulting voltage VADC on the microcontroller’s ADC input pin (according to Figure 70):
VADC = R12 ⋅ IIS =
Vs ⋅ R12
dkILIS ⋅ Rtest
+ IIS offset ⋅ R12
Equation 26
This means that the comparator threshold should be set to a corresponding voltage level of:
VADC,80%V
s
= 0.8
Vs ⋅ R12
dkILIS ⋅ Rtest
+ IIS offset ⋅ R12
Equation 27
This procedure allows to measure the input delay tr(HS),total with a microcontroller’s ADC in a predefined end of
line test, with a known resistor Rtest. The test is summarized in Figure 71. The time measurement is started in
parallel to the rising edge of the IN input pin. If the voltage level of VADC, as described in Equation 27, is reached,
the resulting delay time tr(HS),total can be calculated.
BTN8960 /62 /80 /82
High Current PN Half Bridge
Switching Timing
Application Note
66
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
   High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com