データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 75 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 75 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 71Page - Infineon Technologies AG BTN8962 Datasheet HTML 72Page - Infineon Technologies AG BTN8962 Datasheet HTML 73Page - Infineon Technologies AG BTN8962 Datasheet HTML 74Page - Infineon Technologies AG BTN8962 Datasheet HTML 75Page - Infineon Technologies AG BTN8962 Datasheet HTML 76Page - Infineon Technologies AG BTN8962 Datasheet HTML 77Page - Infineon Technologies AG BTN8962 Datasheet HTML 78Page - Infineon Technologies AG BTN8962 Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
5.7
Output duty cycle relationships
The output duty cycle do not have an exact linear relationship with the input duty cycle. The different PWM IN
to OUT transfer functions depend on the PWM frequency and the device specific timings. Rising time, falling
time and switch on/off delay times have to be taken into account for calculating the output duty cycle as shown
in Figure 80. The output duty cycle is mainly influenced by the switch on/off delay times. Especially for low
input PWM frequency , the rising/falling times have only minor impact on DCOUT.
As shown in Equation 39, the TON(OUT) is mainly influenced by switch on delay time, rising time and switch off
time:
TON(OUT) = DCOUT ⋅ T = DCIN ⋅ T + tdf HS − tr HS − tdr HS
Equation 39
The output duty cycle can be derived from the formula above:
DCOUT =
TON OUT
T
= DCIN + f ⋅ tdf HS − tr HS − tdr HS
Equation 40
Since DCOUT is mainly influenced by switch on/off delay times, the output duty cycle equation can be simplified
as:
DCOUT =
TON OUT
T
≈ DCIN + f ⋅ tdf HS − tdr HS
Equation 41
IN
VOUT
t
t
VOUT
tdr (HS ) tr(HS )
tdf (HS ) tf(HS )
VOUT
20%
20%
80%
80%
tr(HS ),total
tf(HS ),total
DCIN ·T
DCOUT ·T
Figure 80 Definition of duty cycle for load to GND
Since the switching on/off times are adjustable by varying the slew rate resistor, the output duty cycle spread is
mainly caused by the different RSR values. The output duty cycle spreads of BTN8982TA and BTN8962TA at a
PWM frequency of 20 kHz are shown in Figure 81 and Figure 82. The curves are fitted to the discrete
measurement data of (DCIN, DCOUT) points.
BTN8960 /62 /80 /82
High Current PN Half Bridge
Switching Timing
Application Note
75
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
   High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com