データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 77 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 77 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 73Page - Infineon Technologies AG BTN8962 Datasheet HTML 74Page - Infineon Technologies AG BTN8962 Datasheet HTML 75Page - Infineon Technologies AG BTN8962 Datasheet HTML 76Page - Infineon Technologies AG BTN8962 Datasheet HTML 77Page - Infineon Technologies AG BTN8962 Datasheet HTML 78Page - Infineon Technologies AG BTN8962 Datasheet HTML 79Page - Infineon Technologies AG BTN8962 Datasheet HTML 80Page - Infineon Technologies AG BTN8962 Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
Figure 83 The spread of the output duty cycle caused by process variation, RLOAD = 2 Ω, ILOAD = 37 µH, f =
20 kHz, for BTN8962TA
The blue curve shows one output duty cycle based on the measurement of one BTN8962TA. When DCIN*T is
lower than the total rising time, the MOSFET is not switched on, and the output duty cycle will be 0%. If the (1 -
DCIN) * T is lower than the total falling time, the MOSFET can not be switched off, and the output duty cycle will
be 100%. A and B are the saturation points for the measured device. All DCIN lower than saturation point A or
higher than saturation point B will generate a DC voltage at output.
The purple curve indicates the estimated worst case of the output duty cycle. In this extreme scenario, the
range of the output duty cycle is calculated by using the maximum tdr(HS) and tdf(HS) in the datasheet.
5.7.2
Output duty cycle improvement methods
For high end applications, output duty cycle improvement methods are highly recommended to improve the
precision of the DCOUT. It can be implemented in two different improvement methods: by performing end of the
line calibration or an output duty cycle control loop.
End of the line calibration: This method requires the measurement of some typical and predefined testing
points(several DCIN) for each device. The set of the measurement data or a parameter set can be stored in a
microctroller. Based on the data set, a proper input duty cycle could be selected by using curve fitting or
interpolation to generate an expected output duty cycle.
Output duty cycle control loop: It is a real time operation. Instead of measuring the predefined test points
once, the output duty cycle is measured by the microcontroller during the operation continuously as
shown in Figure 84. The input duty cycle then is adapted accordingly by a control algorithm(e.g. PID-
controller), to equal the value of a desired output duty cycle set-point. This real time calibration method
BTN8960 /62 /80 /82
High Current PN Half Bridge
Switching Timing
Application Note
77
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com