データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 80 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 80 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 76Page - Infineon Technologies AG BTN8962 Datasheet HTML 77Page - Infineon Technologies AG BTN8962 Datasheet HTML 78Page - Infineon Technologies AG BTN8962 Datasheet HTML 79Page - Infineon Technologies AG BTN8962 Datasheet HTML 80Page - Infineon Technologies AG BTN8962 Datasheet HTML 81Page - Infineon Technologies AG BTN8962 Datasheet HTML 82Page - Infineon Technologies AG BTN8962 Datasheet HTML 83Page - Infineon Technologies AG BTN8962 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
6.3
Power dissipation due to switching
With PWM control, switching losses need to be taken into account because they generate most of the power
dissipation for high PWM frequencies. The NovalithICTM devices are designed to drive motors or other inductive
loads. This chapter deals with switching losses that are generated while driving an inductive load.
M
Vs
OUT
GND
VDS(HS)
D
S
D
S
HS
LS
t
IHS
ILS
VOUT
t
IOUT
VDS(HS)
VOUT
IHS
ILS
ESL
ESL
VRon,act
VBE
ON_OFF
OFF
tHS-off
tHS-off
tSL1
tSL2
VRon,FW
Figure 85 High-side switching scenario of BTN89xy
The current in an inductor cannot be changed abruptly (rule of Lenz). As shown in Figure 85, the current in the
high-side (HS) MOSFET is driven by the motor inductance as long as the OUT voltage drops one VBE below GND
and the current is flowing through the body diode of the low-side (LS) MOSFET. This means that the current IHS
is flowing in the high-side (HS) MOSFET, even though this is in linear mode during tHS-off.
The NovalithICTM has a cross-current protection mechanism which ensures that an output MOSFET is turned on
only when the other one is off. This causes a free wheeling current through the MOSFET body diode (VBE in
Figure 85) before the resistive path is switched on. The power dissipation caused by the body diode is negligible
and thus not taken into account in this estimation.
The rise- and fall- time in the data sheet is the period during which the output voltage decreases from 80% to
20%. In order to determine the switching losses, we need to determine the time required to decrease the output
voltage from 100% to 0%. The tHS-off can be estimated from the data sheet parameters with the Equation 46
accordingly.
tHS − off =
tf HS
0.5
Factor 0.5 is related to ΔVOUT from 0 % to 100 %
Equation 46
For the other switching times (tHS-on, tLS-off and tLS-on) Equation 46 can be used to perform the same calculation
using the corresponding data sheet parameters (tr(HS), tf(LS) and tr(LS)).
Other assumptions, with a minor effect on the result, include the following:
The load current during the switching process is constant.
VOUT and VDS(HS) have linear behavior.
The switching times are assumed as equal and in the following always referred to as tHS-off.
The switching energy ESL is shown in Figure 85 and can be estimated using Equation 47 below:
BTN8960 /62 /80 /82
High Current PN Half Bridge
Power Dissipation
Application Note
80
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com