データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962 データシート(PDF) 11 Page - Infineon Technologies AG

部品番号 BTN8962
部品情報  High Current PN Half Bridge
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962 データシート(HTML) 11 Page - Infineon Technologies AG

Back Button BTN8962 Datasheet HTML 7Page - Infineon Technologies AG BTN8962 Datasheet HTML 8Page - Infineon Technologies AG BTN8962 Datasheet HTML 9Page - Infineon Technologies AG BTN8962 Datasheet HTML 10Page - Infineon Technologies AG BTN8962 Datasheet HTML 11Page - Infineon Technologies AG BTN8962 Datasheet HTML 12Page - Infineon Technologies AG BTN8962 Datasheet HTML 13Page - Infineon Technologies AG BTN8962 Datasheet HTML 14Page - Infineon Technologies AG BTN8962 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
C_IS: Ceramic capacitor for EMI improvement. GND connection with at least two GND-vias. A good value is
1 nF. In case the current should be measured during the PWM-phase, this capacitor must be adapted to the
ON-time inside the PWM-phase.
R1 and R2: Device protection in case of µC pins shorted to Vs.
3.2
DC-link capacitor
For the stability of the DC-link voltage a sufficient capacitor is mandatory (in Figure 2, Figure 3 and Figure 5 it is
C10). This is one of the most important component in a motor design with semiconductor switches.
The DC-link capacitor could be insufficient, because:
The capacitor value is too small.
The ESR of the capacitor is too high.
When cold the capacitor value is too small.
The distance between the DC-link capacitor and the NovalithIC™ is too large.
The wiring between the DC-link capacitor and the NovalithIC™ is too long (see Chapter 2).
The value must be chosen carefully, taking the undervoltage toggling into account, which is described in
Chapter 3.2.2.
3.2.1
Calculation of the DC-link capacitor and Pi-filter
As already mentioned in the design- and layout-rules of Figure 5 the voltage ripple at the NovalithIC™Vs-pin
must not exceed 1 V peak-to-peak. The necessary DC-link capacitor can be estimated in the following way:
Motor control with PWM means for the DC-link voltage to provide energy pulses during the “ON-phase” of the
PWM cycle. The DC-link pulses are shown in Figure 7.
This energy must be provided by the DC-link capacitor. This can generally be described with
E = 1
2 ⋅ C ⋅ V
2 = P ⋅ T
Equation 2
C = CDC − link
Equation 3
The voltage at the DC-link capacitor consists of the DC-part and the delta voltage from the supply ripple:
V = VS,DC + ΔVS
Equation 4
The total power in this system consists of the DC-power plus the power of the energy pulse (Epulse), which
provides the energy to the motor during the ON-phase of the half bridge.
P = PDC + ΔP
Equation 5
The maximum pulse length is determined by the PWM frequency, theoretically at a duty cycle of 100%:
BTN8960 /62 /80 /82
High Current PN Half Bridge
Design Guideline
Application Note
11
Rev. 0.6
2017-02-21


同様の部品番号 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results

同様の説明 - BTN8962

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com