| データシートサーチシステム |
|
ST25R3916 データシート(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3916 データシート(HTML) 134 Page - STMicroelectronics |
|
134 / 157 page ![]() Application information ST25R3916/7 134/157 DS12484 Rev 4 4.5.78 Capacitance measurement auto-averaging display register Register space: A Address: 3Dh Type: R 4.5.79 Capacitance measurement display register Register space: A Address: 3Eh Type: R Table 115. Capacitance measurement auto-averaging display register Bit Name Default Function Comments 7 cm_aad7 0 - - 6 cm_aad6 0 - - 5 cm_aad5 0 - - 4 cm_aad4 0 - - 3 cm_aad3 0 - - 2 cm_aad2 0 - - 1 cm_aad1 0 - - 0 cm_aad0 0 - - Table 116. Capacitance measurement display register Bit Name Default Function Comments 7 cm_amd7 0 - - 6 cm_amd6 0 - - 5 cm_amd_ 0 - - 4 cm_amd_ 0 - - 3 cm_amd3 0 - - 2 cm_amd2 0 - - 1 cm_amd1 0 - - 0 cm_amd0 0 - - |