| データシートサーチシステム |
|
STM32G483CEU6 データシート(PDF) 194 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G483CEU6 データシート(HTML) 194 Page - STMicroelectronics |
|
194 / 230 page ![]() Electrical characteristics STM32G483xE 194/230 DS12997 Rev 4 Figure 53. Quad SPI timing diagram - DDR mode 5.3.29 UCPD characteristics UCPD1 controller complies with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.0 specifications. MSv36879V3 Data output IO0 IO2 IO4 Clock Data input IO0 IO2 IO4 t(CLK) tw(CLKH) tw(CLKL) tr(CLK) tf(CLK) tsf(IN) thf(IN) tvf(OUT) thr(OUT) IO1 IO3 IO5 IO1 IO3 IO5 tvr(OUT) thf(OUT) tsr(IN) thr(IN) Table 105. UCPD characteristics Symbol Parameter Conditions Min Typ Max Unit VDD UCPD operating supply voltage Sink mode only 3.0 3.3 3.6 V Sink and source mode 3.135 3.3 3.465 V |