| データシートサーチシステム |
|
MPC8540 データシート(PDF) 116 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 データシート(HTML) 116 Page - Freescale Semiconductor, Inc |
|
116 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 1-22 Freescale Semiconductor Overview Figure 1-3. High-Performance Communication System Using SMP Figure 1-4 shows the MPC8540 as part of a high-end network card used in a system area network that is enabled by PCI/PCI-X. Figure 1-4. High-Performance Communication System Using MPC8540 66-MHz PCI MPC8540 Processor Core Complex 256K L2 Memory Block RapidIO PCI 2x GEnet Memory Control Task Processor Processor Core Complex 256K L2 Memory Block Local Bus ASIC Dual Gigabit Ethernet 133-MHz PCI-X To Network Forwarding Plane To Control Plane RapidIO Interface DDR Memory ASIC Accelerator Hardware DDR Memory Tundra Tsi 400 RapidIO Switch Controller PCI-X 133-MHz Backplane Dual 10/100/1Gb Ethernet Control Data GPCM/UPM/ Processor Core Complex 256K L2 Memory Block RapidIO PCI 2x GEnet Memory Control Server RAID Controller DDR Memory MPC8540 RTC/NVRAM ROM FPGA SDRAM |