データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8540 データシート(PDF) 173 Page - Freescale Semiconductor, Inc

部品番号 MPC8540
部品情報  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 データシート(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 172Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 173Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 174Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1302 page
background image
Signals Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
3-5
RIO_TD[0:7],
RIO_TD[0:7]
RapidIO transmit data
RapidIO
—
16
O
17-5/17-8
RIO_TFRAME,
RIO_TFRAME
RapidIO transmit frame
RapidIO
—
2
O
17-5/17-8
RIO_TX_CLK_IN
RIO_TX_CLK_IN
RapidIO transmit clock in
RapidIO
—
2
I
17-5/17-8
PCI_AD[63:0]
PCI address/data
PCI/X
—
64
I/O
16-2/16-8
PCI_C/BE[7:0]
PCI command/byte
enable
PCI/X
—
8
I/O
16-2/16-8
PCI_PAR
PCI parity
PCI/X
—
1
I/O
16-2/16-8
PCI_PAR64
PCI parity 64
PCI/X
—
1
I/O
16-2/16-8
PCI_FRAME
PCI frame
PCI/X
—
1
I/O
16-2/16-8
PCI_TRDY
PCI target ready
PCI/X
—
1
I/O
16-2/16-8
PCI_IRDY
PCI initiator ready
PCI/X
—
1
I/O
16-2/16-8
PCI_STOP
PCI stop
PCI/X
—
1
I/O
16-2/16-8
PCI_DEVSEL
PCI device select
PCI/X
—
1
I/O
16-2/16-8
PCI_IDSEL
PCI initial device select
PCI/X
—
1
I
16-2/16-8
PCI_REQ64
PCI request 64
PCI/X
cfg_pci_width
1
I/O
16-2/16-8
PCI_ACK64
PCI acknowledge 64
PCI/X
—
1
I/O
16-2/16-8
PCI_PERR
PCI parity error
PCI/X
—
1
I/O
16-2/16-8
PCI_SERR
PCI system error
PCI/X
—
1
I/O
16-2/16-8
PCI_REQ0
PCI request 0
PCI/X
—
1
I/O
16-2/16-8
PCI_REQ[4:1]
PCI request 4–1
PCI/X
—
4
I
16-2/16-8
PCI_GNT0
PCI grant 0
PCI/X
—
1
I/O
16-2/16-8
PCI_GNT[4:1]
PCI grant 4–1
PCI/X
cfg_pci_mode
cfg_pci_debug
cfg_pci_arbiter
cfg_pci_impd
4O
16-2/16-8
EC_GTX_CLK125
Gigabit reference clock
Gigabit clock
—
1
I
14-3/14-14
EC_MDC
Ethernet management
data clock
Ethernet
management
cfg_tsec_reduce
1
O
14-3/14-14
EC_MDIO
Ethernet management
data in/out
Ethernet
management
—1
I/O
14-3/14-14
TSEC1_TXD7
TSEC1 transmit data 7
TSEC1
cfg_tsec1
1
O
14-3/14-14
TSEC1_TXD[6:4]
TSEC1 transmit data 6–4
TSEC1
cfg_rom_loc[0:2]
3
O
14-3/14-14
Table 3-1. MPC8540 Signal Reference by Functional Block (continued)
Name
Description
Functional
Block
Alternate
Function(s)
No. of
Signals
I/O
Table/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More