データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM33 データシート(PDF) 120 Page - STMicroelectronics

部品番号 STPM33
部品情報  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 データシート(HTML) 120 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 113Page - STMicroelectronics STPM33 Datasheet HTML 114Page - STMicroelectronics STPM33 Datasheet HTML 115Page - STMicroelectronics STPM33 Datasheet HTML 116Page - STMicroelectronics STPM33 Datasheet HTML 117Page - STMicroelectronics STPM33 Datasheet HTML 118Page - STMicroelectronics STPM33 Datasheet HTML 119Page - STMicroelectronics STPM33 Datasheet HTML 120Page - STMicroelectronics STPM33 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 121 page
background image
Revision history
STPM32, STPM33, STPM34
120/121
DS10272 Rev 8
12
Revision history
Table 69. Document revision history
Date
Revision
Changes
31-Mar-2014
1
Initial release.
16-Oct-2014
2
Updated Features.
Updated Table 2, from Table 14, to Table 18, from Table 21, to
Table 23; updated Table 33, Table 35, Table 36, Table 40, Table 41
and from Table 44 to Table 66.
Changed title of Figure 15.
Updated Figure 22, Figure 31.
Updated Section 8.2.1, Section 8.2.3, Section 8.3.1, Section 8.4.12,
Section 8.6.3.
Minor text changes.
01-Oct-2015
3
Updated Features.
Updated Section 8.2.1, Section 8.3.3, Section 8.3.6, Section 8.4,
Section 8.4.3, Section 8.4.4, Section 8.4.12, Section 8.4.13, Period
measurement, Sag and swell threshold calculation.
Added note to Interrupt control mask register.
Updated Table 5, Table 22, Table 42, Table 44, Table 45,
Table 56,Table 57, Table 58, Table 59, Table 60, Table 61.
Updated equations in Table 14, Table 15, Table 16, Table 17,
Table 18, Table 20, Table 35, Table 37, Table 39, Table 40.
Updated Equation 29.
Added Figure 8, Figure 9, Figure 10 and Figure 29.
Updated Figure 26, Figure 27, Figure 28, Figure 31, Figure 32,
Figure 35, Figure 36, Figure 45.
Changed Figure 46.
31-Aug-2016
4
Added Figure 56: QFN32L 5x5x1 mm 0.5 pitch recommended
footprint.
Minor text changes.
02-Nov-2016
5
Updated Table 5, Table 9 and changed Figure 23.
Added Section 11.3: QFN24L (4x4x1) packing information and
Section 11.4: QFN32L (5x5x1) packing information.
11-Sep-2017
6
Updated Table 5, Table 14, Table 42, Table 48 and Table 60.
12-Jan-2018
7
Updated Table 3 on page 16 and Table 5 on page 17.
Minor modifications throughout document.
14-Dec-2018
8
Updated Table 5, Table 44, and Table 45. Changed Figure 23 and
amended Section 8.4 and Section 8.4.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More