データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM34TR データシート(PDF) 117 Page - STMicroelectronics

部品番号 STPM34TR
部品情報  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34TR データシート(HTML) 117 Page - STMicroelectronics

Back Button STPM34TR Datasheet HTML 113Page - STMicroelectronics STPM34TR Datasheet HTML 114Page - STMicroelectronics STPM34TR Datasheet HTML 115Page - STMicroelectronics STPM34TR Datasheet HTML 116Page - STMicroelectronics STPM34TR Datasheet HTML 117Page - STMicroelectronics STPM34TR Datasheet HTML 118Page - STMicroelectronics STPM34TR Datasheet HTML 119Page - STMicroelectronics STPM34TR Datasheet HTML 120Page - STMicroelectronics STPM34TR Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
DS10272 Rev 8
117/121
STPM32, STPM33, STPM34
Package information
121
11.2
QFN32L (5x5x1) 0.5 pitch package information
Figure 56. QFN32L (5x5x1) 0.5 pitch package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More