データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM32TR データシート(PDF) 119 Page - STMicroelectronics

部品番号 STPM32TR
部品情報  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32TR データシート(HTML) 119 Page - STMicroelectronics

Back Button STPM32TR Datasheet HTML 113Page - STMicroelectronics STPM32TR Datasheet HTML 114Page - STMicroelectronics STPM32TR Datasheet HTML 115Page - STMicroelectronics STPM32TR Datasheet HTML 116Page - STMicroelectronics STPM32TR Datasheet HTML 117Page - STMicroelectronics STPM32TR Datasheet HTML 118Page - STMicroelectronics STPM32TR Datasheet HTML 119Page - STMicroelectronics STPM32TR Datasheet HTML 120Page - STMicroelectronics STPM32TR Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
DS10272 Rev 8
119/121
STPM32, STPM33, STPM34
Package information
121
11.3
QFN24L (4x4x1) packing information
Figure 58. QFN24L (4x4x1) carrier tape outline
11.4
QFN32L (5x5x1) packing information
Figure 59. QFN32L (5x5x1) carrier tape outline
Figure 60. Feed direction of square QFN24L and QFN32L reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More