データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S+31DLC10D-C データシート(PDF) 4 Page - ATGBICS by Approved Technology

部品番号 S+31DLC10D-C
部品情報  S31DLC10D MikroTik Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATGBICS [ATGBICS by Approved Technology]
ホームページ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+31DLC10D-C データシート(HTML) 4 Page - ATGBICS by Approved Technology

  S+31DLC10D-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 3Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 4Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 5Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 6Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 7Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 8Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFPP-10G-LR-C_V1
Page 4 of
10
Product Datasheet
Timing Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
TX_Disable Assert Time
t_off
10
us
TX_Disable Negate Time
t_on
1
ms
Time to Initialize Include Reset of
TX_FAULT
t_int
300
ms
TX_FAULT from Fault to Assertion
t_fault
100
us
TX_Disable Time to Start Reset
t_reset
10
us
Receiver Loss of Signal Assert Time
TA,RX_LO
S
100
us
Receiver Loss of Signal Deassert Time
Td,RX_LOS
100
us
Rate-Select Chage Time
t_ratesel
10
us
Serial ID Clock Time
t_serial-
clock
100
kHz
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name


同様の説明 - S+31DLC10D-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-LR-C ATGBICS-SFPP-LR-C Datasheet
569Kb / 10P
SFPP-LR Fujitsu Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP10G-LR-C ATGBICS-SFP10G-LR-C Datasheet
367Kb / 10P
SFP10G-LR ZyXEL Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
ET5402-LR-C ATGBICS-ET5402-LR-C Datasheet
569Kb / 10P
ET5402-LR Edgecore Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
45W4264-C ATGBICS-45W4264-C Datasheet
569Kb / 10P
45W4264 IBM Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
LE0M0XS1DD-C ATGBICS-LE0M0XS1DD-C Datasheet
569Kb / 10P
LE0M0XS1DD Huawei Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com