データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S+85DLC03D-C データシート(PDF) 4 Page - ATGBICS by Approved Technology

部品番号 S+85DLC03D-C
部品情報  S85DLC03D MikroTik Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATGBICS [ATGBICS by Approved Technology]
ホームページ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+85DLC03D-C データシート(HTML) 4 Page - ATGBICS by Approved Technology

  S+85DLC03D-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 3Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 4Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 5Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 6Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 7Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 8Page - ATGBICS by Approved Technology S+85DLC03D-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_S+85DLC03D-C_V1
Page 4 of 10
Product Datasheet
Timing Characteristics
Parameter
Symbol
Min.
Typical
Max.
Unit
TX_Disable Assert Time
t_off
10
us
TX_Disable Negate Time
t_on
1
ms
Time to Initialize Include Reset of
TX_FAULT
t_int
300
ms
TX_FAULT from Fault to Assertion
t_fault
100
us
TX_Disable Time to Start Reset
t_reset
10
us
Receiver Loss of Signal Assert Time
TA,RX_LOS
100
us
Receiver Loss of Signal Deassert Time
Td,RX_LOS
100
us
Rate-Select Change Time
t_ratesel
10
us
Serial ID Clock Time
t_serial-
clock
100
kHz
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name


同様の説明 - S+85DLC03D-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
MR-SFP-10G-SR-C ATGBICS-MR-SFP-10G-SR-C Datasheet
375Kb / 10P
MR-SFP-10G-SR MikroTik Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP-10G-SR-S-C ATGBICS-SFP-10G-SR-S-C Datasheet
375Kb / 10P
SFP-10G-SR-S Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFPP-SR-C ATGBICS-SFPP-SR-C Datasheet
375Kb / 10P
SFPP-SR Fujitsu Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
ET5402-SR-C ATGBICS-ET5402-SR-C Datasheet
375Kb / 10P
ET5402-SR Edgecore Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
SFP+KT-SR-C ATGBICS-SFP+KT-SR-C Datasheet
375Kb / 10P
SFPKT-SR NetOptics Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
WG8583-C ATGBICS-WG8583-C Datasheet
374Kb / 10P
WG8583 WatchGuard Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EW3A0000710-C ATGBICS-EW3A0000710-C Datasheet
374Kb / 10P
EW3A0000710 Citrix Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
EW3E0000710-C ATGBICS-EW3E0000710-C Datasheet
374Kb / 10P
EW3E0000710 Citrix Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
46C3448-C ATGBICS-46C3448-C Datasheet
374Kb / 10P
46C3448 Lenovo Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
C5RNH-C ATGBICS-C5RNH-C Datasheet
355Kb / 10P
C5RNH Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com