データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S+DA0002-C データシート(PDF) 1 Page - ATGBICS by Approved Technology

部品番号 S+DA0002-C
部品情報  SDA0002 Mikrotik Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATGBICS [ATGBICS by Approved Technology]
ホームページ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+DA0002-C データシート(HTML) 1 Page - ATGBICS by Approved Technology

  S+DA0002-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+DA0002-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+DA0002-C Datasheet HTML 3Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ S+DA0002-C_V1 Page 1 of 3
Product Datasheet
S+DA0002-C
Mikrotik® Compatible 10Gb/s SFP+ Direct Attach Cable
Copper, Passive, 2m
FEATURES
• Available lengths 0.5m to 10m
• Supports multi-gigabit data rates up to 10.5Gbps
• Supports 1x, 2x, 4x and 8x Fiber Channel data rates
• Hot-pluggable SFP 20PIN footprint
• Serial ID module on MOD (0-2)
• AC coupling of PECL signals
• EMI/EMC performance
• Low Power Consumption < 0.5W
• Power Supply:+3.3V
• Compliant to SFP+ MSA
• Temperature Range: 0~ 70 °C
• ROHS
APPLICATIONS
• Storage Area Networks (SAN), Network Attached Storage and Storage Servers
• 1G/2G/4G/8G Fiber Channel
• Switched fabric I/O such as ultra-high bandwidth switches and routers
• Data center cabling infrastructure
• High density connections among network equipment
STANDARDS
• Compliant with SFP MSA (INF-8074i)
DESCRIPTION
ATGBICS Compatible S+DA0002-C SFP+ cable is a high-performance, cost effective I/O solution for 10Gb
Ethernet and 10G Fiber Channel applications. SFP+ copper modules allow hardware manufacturers to
achieve high port density, configurability and utilization at a very low cost and to reduce power budget. The
high-speed cable assemblies meet and exceed the performance and reliability requirements stipulated by
Gigabit Ethernet and Fiber Channel industry standard.


同様の説明 - S+DA0002-C

メーカー部品番号データシート部品情報
logo
ATGBICS by Approved Tec...
00AY765-C ATGBICS-00AY765-C Datasheet
152Kb / 3P
00AY765 IBM Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
1710484F2-C ATGBICS-1710484F2-C Datasheet
152Kb / 3P
1710484F2 AdTran Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-2M-C ATGBICS-CAB-SFP-2M-C Datasheet
151Kb / 3P
CAB-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-SFP-2M-C ATGBICS-CAB-SFP-SFP-2M-C Datasheet
151Kb / 3P
CAB-SFP-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
DAC-SFP-10G-2M-C ATGBICS-DAC-SFP-10G-2M-C Datasheet
152Kb / 3P
DAC-SFP-10G-2M Dell Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
JD096B-C ATGBICS-JD096B-C Datasheet
152Kb / 3P
JD096B H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SFP-10G-CU2M-C ATGBICS-SFP-10G-CU2M-C Datasheet
152Kb / 3P
SFP-10G-CU2M Huawei Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SFP-TWNACT-2M-C ATGBICS-SFP-TWNACT-2M-C Datasheet
152Kb / 3P
SFP-TWNACT-2M EMC Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SPLUSDA0001-C ATGBICS-SPLUSDA0001-C Datasheet
151Kb / 3P
SPLUSDA0001 MikroTik Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
XDACBL2M-C ATGBICS-XDACBL2M-C Datasheet
151Kb / 3P
XDACBL2M Intel Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com