データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3904 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 2N3904
部品情報  NPN Transistor TO-92
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

2N3904 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  2N3904 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N3904 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N3904 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
17/09/19
NPN Transistor
TO-92
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Symbol
Test Condition
2N3904
Unit
Collector-Emitter Voltage
*VCEO
IC = 10mA, IB = 0
>40
V
Collector-Base Voltage
VCBO
IC = 10µA, IE = 0
>60
Emitter-Base Voltage
VEBO
IE = 10µA, IC = 0
>6
Collector-Cut off Current
ICEX
VCE = 30V, VEB = 3V
<50
nA
Base Current
IBL
DC Current Gain
*hFE
IC = 0.1mA, VCE = 1V
IC = 1mA, VCE = 1V
IC = 10mA, VCE = 1V
IC = 50mA, VCE = 1V
IC = 100mA, VCE = 1V
>40
>70
100 - 300
>60
>30
-
Collector Emitter Saturation Voltage
*VCE (sat)
IC = 10mA, IB = 1mA
<0.2
<0.3
V
Base Emitter Saturation Voltage
*VBE (sat)
IC = 50mA, IB = 5mA
0.65 - 0.85
<0.95
Small Signal Characteristic
Transistors Frequency
fT
IC = 10mA, VCE = 20V, f = 100MHz
>300
MHz
Output Capacitance
Cob
VCB = 5V, IE = 0, f = 1MHz
<4
pF
Input Capacitance
Cib
VBE = 0.5V, IC = 0, f = 1MHz All f = kHz
<8
Small Signal Current Gain
hfe
IC = 1mA, VCE = 10V
100 - 400
-
Input Impedance
hie
1 - 10
kΩ
Output Admittance
hoe
1 - 40
μΩ
Voltage Feedback Ratio
hre
0.5 - 0.8
× 10-4
Noise Figure
NF
IC = 100µA, VCE = 5V
<5
dB
Switching Time
Delay Time
td
VCC = 3V, VBE = 0.5V
<35
ns
Rise Time
tr
IC = 10mA, IB1 = 1mA
Storage Time
ts
VCC = 3V, IC = 10mA
IB1 = IB2 = 1mA
<200
Fall Time
tf
-
<50
Electrical Characteristics (Ta = 25°C unless otherwise specified)
*Pulse Condition: = 300μs, Duty Cycle = 2%


同様の部品番号 - 2N3904

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Continental Device Indi...
2N3904 CDIL-2N3904 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904 Datasheet
69Kb / 3P
   NPN Silicon General Purpose Transistor
More results

同様の説明 - 2N3904

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MPSA06 TGS-MPSA06 Datasheet
844Kb / 3P
   TO-92 Transistor (NPN)
logo
List of Unclassifed Man...
BC547B ETC1-BC547B Datasheet
211Kb / 3P
   Transistor, NPN, TO-92
logo
Taiwan Semiconductor Co...
KTC3189-O TSC-KTC3189-O Datasheet
217Kb / 5P
   TO-92 NPN Bipolar Transistor
KTC3198-O TSC-KTC3198-O Datasheet
217Kb / 5P
   TO-92 NPN Bipolar Transistor
logo
Rectron Semiconductor
PN2222A RECTRON-PN2222A Datasheet
500Kb / 5P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2N4401 RECTRON-2N4401 Datasheet
442Kb / 6P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Central Semiconductor C...
2N4256 CENTRAL-2N4256 Datasheet
86Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-92 CASE(ECB)
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com