データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3904 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 2N3904
部品情報  NPN Transistor TO-92
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

2N3904 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  2N3904 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N3904 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N3904 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
17/09/19
NPN Transistor
TO-92
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Absolute Maximum Ratings
Features:
• NPN silicon planar switching transistors
• Fast switching devices exhibiting short turn-off and low saturation voltage characteristics
• General purpose switching and amplifier applications
Description
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
40
V
Collector-Base Voltage
VCBO
60
Emitter-Base Voltage
VEBO
6
Collector Current Continuous
IC
200
mA
Power Dissipation at Ta = 25°C
Derate above 25°C
PD
625
5
mW
mW/°C
Power Dissipation at Tc= 25°C
Derate above 25°C
1.5
12
W
mW/°C
Operating and Storage
Junction Temperature Range
Tj, Tstg
-55 to +150
°C
Thermal Resistance
Junction to Case
Rth (j-c)
83.3
°C/W
Junction to Ambient
Rth (j-a)
200
Pin Configuration:
1. Collector
2. Base
3. Emitter


同様の部品番号 - 2N3904

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Continental Device Indi...
2N3904 CDIL-2N3904 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
329Kb / 9P
   NPN General - Purpose Amplifier
July, 2021 ??Rev. 2
More results

同様の説明 - 2N3904

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MPSA06 TGS-MPSA06 Datasheet
844Kb / 3P
   TO-92 Transistor (NPN)
logo
List of Unclassifed Man...
BC547B ETC1-BC547B Datasheet
211Kb / 3P
   Transistor, NPN, TO-92
logo
Taiwan Semiconductor Co...
KTC3189-O TSC-KTC3189-O Datasheet
217Kb / 5P
   TO-92 NPN Bipolar Transistor
KTC3198-O TSC-KTC3198-O Datasheet
217Kb / 5P
   TO-92 NPN Bipolar Transistor
logo
Rectron Semiconductor
PN2222A RECTRON-PN2222A Datasheet
500Kb / 5P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
2N4401 RECTRON-2N4401 Datasheet
442Kb / 6P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Central Semiconductor C...
2N4256 CENTRAL-2N4256 Datasheet
86Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-92 CASE(ECB)
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com