| データシートサーチシステム |
|
STM32H757AI データシート(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H757AI データシート(HTML) 121 Page - STMicroelectronics |
|
121 / 251 page ![]() DS12931 Rev 1 121/251 STM32H757xI Electrical characteristics 230 Table 37. Typical and maximum current consumption in Run mode, code with data processing running from ITCM, only Arm Cortex-M7 running, SMPS regulator(1) Symbol Parameter Conditions fCPU1 (MHz) Typ Max Unit Tj=25 °C Tj=85 °C Tj=105 °C Tj=125 °C IDD Supply current in Run mode All peripherals disabled VOS1 400 48.6 73.3 100.4 132.4 176.0 mA VOS2 300 31.3 46.3 68.3 90.0 122.2 VOS3 200 18.0 26.9 45.3 60.6 82.4 All peripherals enabled VOS1 400 72.9 95.8 144.5 190.7 252.0 VOS2 300 49.6 64.3 99.6 131.7 179.1 VOS3 200 28.8 38.5 64.3 88.3 118.6 1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption and typical SMPS efficiency factors . Table 38. Typical and maximum current consumption in Run mode, code with data processing running from Flash memory, only Arm Cortex-M7 running, cache ON, LDO regulator ON(1) Symbol Parameter Conditions fCPU1 (MHz) Typ Max(2) Unit Tj=25 °C Tj=85 °C Tj=105 °C Tj=125 °C IDD Supply current in Run mode All peripherals disabled VOS0 480 110 222 304 388 mA 400 91 --- VOS1 400 80 162 228 294 381 300 61.5 ---- VOS2 216 55 111 168 222 294 200 38.5 ---- VOS3 200 34.5 69 120 163 222 All peripherals enabled VOS0 480 220 342 436 546 400 195 --- VOS1 400 175 264 336 424 544 300 135 ---- VOS2 300 120 180 246 318 418 200 83 ---- VOS3 200 75 114 173 232 312 1. The grayed cells correspond to the forbidden configurations. 2. Guaranteed by characterization results, unless otherwise specified. |