データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H757AI データシート(PDF) 134 Page - STMicroelectronics

部品番号 STM32H757AI
部品情報  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AI データシート(HTML) 134 Page - STMicroelectronics

Back Button STM32H757AI Datasheet HTML 130Page - STMicroelectronics STM32H757AI Datasheet HTML 131Page - STMicroelectronics STM32H757AI Datasheet HTML 132Page - STMicroelectronics STM32H757AI Datasheet HTML 133Page - STMicroelectronics STM32H757AI Datasheet HTML 134Page - STMicroelectronics STM32H757AI Datasheet HTML 135Page - STMicroelectronics STM32H757AI Datasheet HTML 136Page - STMicroelectronics STM32H757AI Datasheet HTML 137Page - STMicroelectronics STM32H757AI Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 251 page
background image
Electrical characteristics
STM32H757xI
134/251
DS12931 Rev 1
APB3
WWDG1
0.7
0.5
0.5
0.2
µA/MHz
LCD-TFT
81.0
36.0
33.0
30.0
DSI registers
4.7
4.2
4.0
3.6
DSI kernel
0.1
0.1
0.1
0.1
APB3 bridge
0.3
0.2
0.1
0.1
Total APB3
87
41
38
34
APB1
TIM2
7.7
3.6
3.3
3.0
µA/MHz
TIM3
6.7
3.2
3.0
2.7
TIM4
6.3
3.1
2.8
2.5
TIM5
7.4
3.5
3.2
2.8
TIM6
1.4
0.7
0.8
0.6
TIM7
1.4
0.7
0.7
0.6
TIM12
3.2
1.5
1.5
1.3
TIM13
2.3
1.1
1.1
0.9
TIM14
2.1
1.1
1.1
0.9
LPTIM1 registers
0.7
0.5
0.8
0.7
LPTIM1 kernel
2.4
2.3
1.9
1.7
WWDG2
0.6
0.5
0.5
0.4
SPI2 registers
2.0
1.8
1.7
1.4
SPI2 kernel
0.8
0.6
0.5
0.6
SPI3 registers
1.8
1.6
1.6
1.3
SPI3 kernel
0.7
0.9
0.7
0.7
SPDIFRX1 registers
0.5
0.7
0.7
0.6
SPDIFRX1 kernel
3.5
2.8
2.4
2.2
USART2 registers
1.9
1.7
1.4
1.3
USART2 kernel
4.3
3.9
3.6
3.2
USART3 registers
1.9
1.7
1.4
1.3
USART3 kernel
4.4
3.9
3.5
3.2
UART4 registers
1.7
1.5
1.4
1.4
UART4 kernel
3.9
3.4
3.1
2.8
UART5 registers
1.6
1.4
1.4
1.3
UART5 kernel
3.8
3.4
3.0
2.7
I2C1 registers
1.1
0.8
0.9
0.8
I2C1 kernel
2.5
2.3
2.0
1.9
I2C2 registers
1.0
0.8
0.9
0.8
Table 49. Peripheral current consumption in Run mode (continued)
Bus
Peripheral
VOS0
VOS1
VOS2
VOS3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More