データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MS201A-001 データシート(PDF) 5 Page - Murata Manufacturing Co., Ltd

部品番号 MS201A-001
部品情報  AMR Sensors (Magnetic Sensors)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

MS201A-001 データシート(HTML) 5 Page - Murata Manufacturing Co., Ltd

  MS201A-001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd MS201A-001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document No.
︓JEMR33-**** (subject to change without notice) 5/12
Murata Manufacturing Co., LTD.
Ver.10.1
4. Packing specifications
4-1 Packing information
Form of packing
Reel dimension
Pcs per reel
Tape & reel
φ180
3000pcs
4-2 Taping specifications
4-2-1 Taping dimensions
Unit:mm
Parameter
Symbol
Size/
Angle
Parameter
Symbol
Size/
Angle
Pocket
Length
A
3.35±0.1
Dist. Between
center lines
L direction
G
2.0±
0.05
Width
B
3.2±0.1
W
direction
D
3.5±
0.05
Depth
K0
1.4±0.1
Cover tape
Width
W
5.5+0.3-0
Pitch
F
4.0±0.1
Carrier tape
Width
C
8.0±0.2
Feed hole
Diameter
J
φ1.5+0.1-0.05
Thickness
T
0.2±
0.05
Pitch
H
4.0±0.1
Depth
K1
1.5±0.1
Position
E
1.75±0.1
Device
Tilt
θ
30°
MAX
Overall thickness
K
1.55±0.1
4-2-2 Reel dimensions...EIAJ PRV08B compliant
Unit: mm
Item
Symbol
Dim/Angle
Flange
Diameter
A
φ178±2
Dis. between flanges
W
9±0.5
Hub
Diameter
B
φ60±1
Hub slit position
θ1
90°
Spindle hole diam.
C
φ13±0.5
Key slit position
θ2
120°
Marking
Labeled on one side of
flange
θ2
θ1


同様の部品番号 - MS201A-001

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
MS201AE MURATA-MS201AE Datasheet
687Kb / 11P
This data sheet is applied to the magnetic switch MRMS201A
More results

同様の説明 - MS201A-001

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
AMR Sensors (Magnetic Switches)
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
AMR Sensors (Magnetic Switches)
logo
Infineon Technologies A...
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
logo
Murata Manufacturing Co...
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com