データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0640038070 データシート(PDF) 3 Page - Molex Electronics Ltd.

部品番号 0640038070
部品情報  Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 1/0 and 2/0 AWG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0640038070 データシート(HTML) 3 Page - Molex Electronics Ltd.

  0640038070 Datasheet HTML 1Page - Molex Electronics Ltd. 0640038070 Datasheet HTML 2Page - Molex Electronics Ltd. 0640038070 Datasheet HTML 3Page - Molex Electronics Ltd. 0640038070 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Size 3/8" (M9),
Plated
Compression
Style Ring Tongue
Terminal for 2/0
AWG Wire, Stud
Size 1/2" (M12),
Plated
192210245
Compression
Style Ring Tongue
Terminal for 1/0
AWG Wire, Stud
Size 3/8" (M9),
Unplated
192210377
Compression
Style Ring Tongue
Terminal for 2/0
AWG Wire, Stud
Size 3/8" (M9),
Unplated
192210379
Compression
Style Ring Tongue
Terminal for 1/0
AWG Wire, Stud
Size 1/2" (M12),
Unplated
192210393
Compression
Style Ring Tongue
Terminal for 1/0
AWG Wire, Stud
Size 5/16" (M8),
Unplated
192210394
Compression
Style Ring Tongue
Terminal for 2/0
AWG Wire, Stud
Size 1/2" (M12),
Unplated
192210397
Compression
Style Ring Tongue
Terminal for 2/0
AWG Wire, Stud
Size 5/16" (M8),
Unplated
192210398
Compression
Style Ring Tongue
Terminal for 1/0
AWG Wire, Stud
Size 1/4" (M6),
Plated
192210422
Compression
Style Ring Tongue
Terminal for 1/0
AWG Wire, Stud
Size 1/4" (M6),
Unplated
192210423
Compression
Style Ring Tongue
Terminal for 2/0
AWG Wire, Stud
Size 5/8" (M16)
Unplated
192210597
Compression
Style Ring Tongue
Terminal for 2/0
192210598


同様の部品番号 - 0640038070

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0640038370 MOLEX-0640038370 Datasheet
28Kb / 2P
Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 4/0 AWG
11/02/2021
0640038470 MOLEX-0640038470 Datasheet
25Kb / 1P
Square "Din" Style Die Set for EXTreme Guardian Power Receptacle Terminals, 10 AWG UL1028 or UL1283
08/25/2022
0640038570 MOLEX-0640038570 Datasheet
26Kb / 1P
Square "Din" Style Die Set for EXTreme Guardian Power Receptacle Terminals, 8 AWG UL1028 or UL1283
08/25/2022
0640038670 MOLEX-0640038670 Datasheet
28Kb / 3P
Square "Din" Style Die Set for BCL and VersaKrimp Un-insulated Ring Tongue Terminals and Splices, 4 AWG
08/25/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com