データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1405868 データシート(PDF) 3 Page - PHOENIX CONTACT

部品番号 1405868
部品情報  Network cable - NBC-M12MRD-M12MRD US/93E/...
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1405868 データシート(HTML) 3 Page - PHOENIX CONTACT

  1405868 Datasheet HTML 1Page - PHOENIX CONTACT 1405868 Datasheet HTML 2Page - PHOENIX CONTACT 1405868 Datasheet HTML 3Page - PHOENIX CONTACT 1405868 Datasheet HTML 4Page - PHOENIX CONTACT 1405868 Datasheet HTML 5Page - PHOENIX CONTACT 1405868 Datasheet HTML 6Page - PHOENIX CONTACT 1405868 Datasheet HTML 7Page - PHOENIX CONTACT 1405868 Datasheet HTML 8Page - PHOENIX CONTACT 1405868 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ethernet flexible CAT5, 2-pair [93E]
Dimensional drawing
Cable weight
42 kg/km
UL AWM Style
20963 (80°C/30 V)
Number of positions
4
Shielded
yes
Cable type
Ethernet flexible CAT5, 2-pair [93E]
Conductor structure
2x2xAWG26/7; SF/UTP
Signal runtime
5.3 ns/m
Conductor structure signal line
7x 0.16 mm
AWG signal line
26
Conductor cross section
2x 2x 0.14 mm²
Wire diameter incl. insulation
0.98 mm
External cable diameter
6.4 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
water blue RAL 5021
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white/orange-orange, white/green-green
Thickness, outer sheath
1.2 mm
Twisted pairs
2 cores to the pair
Overall twist
Two pairs with two fillers to the core
Optical shield covering
70 %
Insulation resistance
≥ 500 MΩ*km
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Loop resistance
≤ 290.00 Ω/km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Cable capacity
approx. 45 nF/km (at 1 kHz)
Nominal voltage, cable
≤ 100 V (Peak value, not for high-power applications)
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Current carrying capacity of cable
2 A (according to DIN VDE 0891-1)
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Tensile strength
≤ 80 N
65.3 dB (with 1 MHz)
Network cable - NBC-M12MRD-M12MRD US/93E/...
1405868
https://www.phoenixcontact.com/us/products/1405868
Jan 11, 2023, 2:42 AM
Page 3 (9)


同様の部品番号 - 1405868

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1405860 PHOENIX-1405860 Datasheet
326Kb / 10P
NBC-MR SCO US/94B/... - Network cable
1405861 PHOENIX-1405861 Datasheet
401Kb / 12P
NBC-M12MS-R4AC US/94B/... - Network cable
1405862 PHOENIX-1405862 Datasheet
378Kb / 10P
NBC-M12MS-M12MS US/94B/... - Network cable
1405863 PHOENIX-1405863 Datasheet
465Kb / 11P
NBC-M12MS-M12FS US/94B/... - Network cable
1405864 PHOENIX-1405864 Datasheet
374Kb / 10P
NBC-M12FS US/94B/... - Network cable
More results

同様の説明 - 1405868

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1408741 PHOENIX-1408741 Datasheet
311Kb / 9P
Network cable - NBC-M12MRD/ 0,5-93E/M12MRD US
Jan 11, 2023
1405871 PHOENIX-1405871 Datasheet
309Kb / 9P
NBC-M12MRD US/93E/... - Network cable
1408734 PHOENIX-1408734 Datasheet
359Kb / 10P
Network cable - NBC-M12MRD/ 5,0-93E US
1408735 PHOENIX-1408735 Datasheet
359Kb / 10P
Network cable - NBC-M12MRD/10,0-93E US
1405869 PHOENIX-1405869 Datasheet
346Kb / 10P
NBC-M12MRD-M12FRD US/93E/... - Network cable
1406122 PHOENIX-1406122 Datasheet
408Kb / 11P
Network cable - NBC-M12MRD/ 2,0-93E/R4AC US
Jan 11, 2023
1406124 PHOENIX-1406124 Datasheet
343Kb / 10P
NBC-M12MRD/ 2,0-93E/M12FRD US - Network cable
1408742 PHOENIX-1408742 Datasheet
407Kb / 11P
Network cable - NBC-M12MRD/ 0,5-93E/R4AC US
1192143 PHOENIX-1192143 Datasheet
356Kb / 9P
NBC-M12MRD/ 2,0-93F/M12MRD - Network cable
1416749 PHOENIX-1416749 Datasheet
495Kb / 14P
NBC-M12MRD/ 5,0-93C/M12MRD - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com