データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3904 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 2N3904
部品情報  NPN switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3904 データシート(HTML) 5 Page - NXP Semiconductors

  2N3904 Datasheet HTML 1Page - NXP Semiconductors 2N3904 Datasheet HTML 2Page - NXP Semiconductors 2N3904 Datasheet HTML 3Page - NXP Semiconductors 2N3904 Datasheet HTML 4Page - NXP Semiconductors 2N3904 Datasheet HTML 5Page - NXP Semiconductors 2N3904 Datasheet HTML 6Page - NXP Semiconductors 2N3904 Datasheet HTML 7Page - NXP Semiconductors 2N3904 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Apr 23
5
Philips Semiconductors
Product specification
NPN switching transistor
2N3904
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


同様の部品番号 - 2N3904

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Transys Electronics
2N3904 TRSYS-2N3904 Datasheet
32Kb / 2P
NPN SIMALL SIGNAL TRANSISTOR
logo
Rohm
2N3904 ROHM-2N3904 Datasheet
90Kb / 4P
NPN General Purpose Transistor
logo
Seme LAB
2N3904 SEME-LAB-2N3904 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
2N3904 SEMTECH-2N3904 Datasheet
166Kb / 3P
NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications
More results

同様の説明 - 2N3904

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
NPN switching transistor
2004 Oct 11
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com