データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRA821U2...ALM データシート(PDF) 243 Page - Texas Instruments

部品番号 DRA821U2...ALM
部品情報  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM データシート(HTML) 243 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 239Page - Texas Instruments DRA821U2...ALM Datasheet HTML 240Page - Texas Instruments DRA821U2...ALM Datasheet HTML 241Page - Texas Instruments DRA821U2...ALM Datasheet HTML 242Page - Texas Instruments DRA821U2...ALM Datasheet HTML 243Page - Texas Instruments DRA821U2...ALM Datasheet HTML 244Page - Texas Instruments DRA821U2...ALM Datasheet HTML 245Page - Texas Instruments DRA821U2...ALM Datasheet HTML 246Page - Texas Instruments DRA821U2...ALM Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 252 page
background image
10.2 Tools and Software
The following products support development for DRA821 platforms:
Development Tools
Code Composer Studio™ Integrated Development Environment Code Composer Studio (CCS) Integrated
Development Environment (IDE) is a development environment that supports TI's Microcontroller and Embedded
Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and debug embedded
applications. It includes an optimizing C/C++ compiler, source code editor, project build environment, debugger,
profiler, and many other features. The intuitive IDE provides a single user interface taking you through each
step of the application development flow. Familiar tools and interfaces allow users to get started faster than ever
before. Code Composer Studio combines the advantages of the Eclipse software framework with advanced
embedded debug capabilities from TI resulting in a compelling feature-rich development environment for
embedded developers.
SYSCONFIG Tool System Configuration Tool: To help simplify configuration challenges and accelerate software
development, TI created SysConfig, an intuitive and comprehensive collection of graphical utilities for configuring
pins, peripherals, radios, subsystems, and other components. SysConfig helps you manage, expose, and
resolve conflicts visually so that you have more time to create differentiated applications. The SysConfig tool
is integrated in Code Composer Studio™ (CCS) IDE, as a standalone installer, or can be used via the dev.ti.com
cloud tools portal.
For a complete listing of development-support tools for the processor platform, visit the Texas Instruments
website at ti.com. For information on pricing and availability, contact the nearest TI field sales office or authorized
distributor.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
243
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More