| データシートサーチシステム |
|
TDA4VE...ALZQ1 データシート(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 データシート(HTML) 114 Page - Texas Instruments |
|
114 / 251 page ![]() 7.9 Temperature Sensor Characteristics This section summarizes the Voltage and Temperature Module (VTM) on die temperature sensor characteristics. For reliability and operability concerns, the maximum junction temperature of the device has to be at or below the TJ value identified in the Recommended Operating Conditions. Table 7-3. VTM Die Temperature sensor Characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Tacc VTM temperature sensor accuracy –40 to 110 ℃ –5 5 ℃ 110 to 125 ℃ –2 2 ℃ TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 114 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |