| データシートサーチシステム |
|
TDA4VE...ALZQ1 データシート(PDF) 197 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VE...ALZQ1 データシート(HTML) 197 Page - Texas Instruments |
|
197 / 251 page ![]() ASP15 ASP14 ASP13 ASP13 ASP12 ASP12 ASP11 ASP10 ASP10 ASP9 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 ASP13 ASP13 ASP13 ASP13 ASP13 MCASP[x]_ACLKR/X (Falling Edge Polarity) MCASP[x]_AHCLKR/X (Rising Edge Polarity) MCASP[x]_AFSR/X (Bit Width, 0 Bit Delay) MCASP[x]_AFSR/X (Bit Width, 1 Bit Delay) MCASP[x]_AFSR/X (Bit Width, 2 Bit Delay) MCASP[x]_AFSR/X (Slot Width, 0 Bit Delay) MCASP[x]_AFSR/X (Slot Width, 1 Bit Delay) MCASP[x]_AFSR/X (Slot Width, 2 Bit Delay) MCASP[x]_AXR[x] (Data Out/Transmit) MCASP[x]_ACLKR/X (CLKRP = CLKXP = 1) (A) MCASP[x]_ACLKR/X (CLKRP = CLKXP = 0) (B) A. For CLKRP = CLKXP = 1, the MCASP transmitter is configured for falling edge (to shift data out) and the MCASP receiver is configured for rising edge (to shift data in). B. For CLKRP = CLKXP = 0, the MCASP transmitter is configured for rising edge (to shift data out) and the MCASP receiver is configured for falling edge (to shift data in). Figure 7-72. MCASP Output Timing For more information, see Multichannel Audio Serial Port (MCASP) section in Peripherals chapter in the device TRM. www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 197 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |