データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMEJ-4618-38-LX データシート(PDF) 1 Page - CUI Devices

部品番号 CMEJ-4618-38-LX
部品情報  ELECTRET CONDENSER MICROPHONE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUID [CUI Devices]
ホームページ  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMEJ-4618-38-LX データシート(HTML) 1 Page - CUI Devices

  CMEJ-4618-38-LX Datasheet HTML 1Page - CUI Devices CMEJ-4618-38-LX Datasheet HTML 2Page - CUI Devices CMEJ-4618-38-LX Datasheet HTML 3Page - CUI Devices CMEJ-4618-38-LX Datasheet HTML 4Page - CUI Devices CMEJ-4618-38-LX Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 08/05/2022
page 1 of 5
SERIES: CMEJ-4618-38-LX | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
cuidevices.com
FEATURES
• omnidirectional
• low profile
• multiple lead wire lengths available
ELECTRICAL
parameter
conditions/description
min
typ
max
units
directivity
omnidirectional
sensitivity (S)
at 1 kHz (0 dB = 1 V/Pa)
-41
-38
-35
dB
supply voltage (VDD)
1.0
2.0
10
V
current consumption
VDD = 2.0 V, RL = 2.2 kΩ
0.5
mA
sensitivity reduction
VDD = 2.0 ~ 1.5 V
3
dB
frequency (f)
100
10,000
Hz
signal to noise ratio (S/N)
at 1 kHz, Pin = 1 Pa (A-weighted)
60
dBA
total harmonic distortion (THD)
at 94 dB SPL, 1 kHz
at 115 dB SPL, 1 kHz
1
3
%
%
acoustic overload point (AOP)
at 1 kHz
115
dB SPL
output impedance (Zout)
at 1 kHz
2.2
Notes:
1. All specifications measured at 20±2°C, humidity at 60~70%, unless otherwise noted.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
30
85
%
storage humidity
non-condensing
30
75
%
hand soldering
for 1~3 seconds
340
350
360
°C
RoHS
yes
PART NUMBER KEY
Base Number
CMEJ-4618-38-L XXX
Wire Length:
040 = 40 mm
060 = 60 mm


同様の部品番号 - CMEJ-4618-38-LX

メーカー部品番号データシート部品情報
logo
CUI INC
CMEJ-4618-38-LX CUI-CMEJ-4618-38-LX Datasheet
991Kb / 5P
   ELECTRET CONDENSER MICROPHONE
CMEJ-4618-38-LX CUI-CMEJ-4618-38-LX Datasheet
1,010Kb / 5P
   ELECTRET CONDENSER MICROPHONE
01/23/2020
CMEJ-4618-38-LX CUI-CMEJ-4618-38-LX_V01 Datasheet
1,010Kb / 5P
   ELECTRET CONDENSER MICROPHONE
01/23/2020
More results

同様の説明 - CMEJ-4618-38-LX

メーカー部品番号データシート部品情報
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
logo
CUI INC
CMC-9745-L100 CUI-CMC-9745-L100 Datasheet
433Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com