| データシートサーチシステム |
|
KSZ9563RNXC データシート(PDF) 216 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9563RNXC データシート(HTML) 216 Page - Microchip Technology |
|
216 / 226 page ![]() KSZ9563R DS00002419D-page 216 2017-2018 Microchip Technology Inc. 8.2 Package Drawings FIGURE 8-1: PACKAGE (DRAWING) B A 0.10 C 0.10 C 0.07 C A B 0.05 C (DATUM B) (DATUM A) NOTE 1 1 2 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 1 2 N 0.10 C A B 0.10 C A B Microchip Technology Drawing C04-437A Sheet 1 of 2 D E 64X b e e 2 2X D2 E2 K L For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 64-Lead Very Thin Plastic Quad Flat, No Lead Package (JXX) - 8x8 mm Body [VQFN] C SEATING PLANE 0.10 C 0.08 C A 64X SEE DETAIL A |