| データシートサーチシステム |
|
KSZ9563RNXC データシート(PDF) 224 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9563RNXC データシート(HTML) 224 Page - Microchip Technology |
|
224 / 226 page ![]() KSZ9563R DS00002419D-page 224 2017-2018 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: KSZ9563R = 3-Port Switch with 1 RGMII/MII/RMII Interface Package: NX = 64-pin VQFN Temperature Range: C= 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) Tape and Reel Option: Blank = Standard packaging (tray) -TR = Tape and Reel (Note 1) Examples: a) KSZ9563RNXC 64-pin VQFN package, Commercial temperature, Standard packaging b) KSZ9563RNXI-TR 64-pin VQFN package, Industrial temperature, Tape and reel Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. X XX Package Temp. Device [XX]( 1) Tape & Reel Option Range |