データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS-12G データシート(PDF) 1 Page - C&K Components

部品番号 PS-12G
部品情報  Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G データシート(HTML) 1 Page - C&K Components

  PS-12G_V01 Datasheet HTML 1Page - C&K Components PS-12G_V01 Datasheet HTML 2Page - C&K Components PS-12G_V01 Datasheet HTML 3Page - C&K Components PS-12G_V01 Datasheet HTML 4Page - C&K Components PS-12G_V01 Datasheet HTML 5Page - C&K Components PS-12G_V01 Datasheet HTML 6Page - C&K Components PS-12G_V01 Datasheet HTML 7Page - C&K Components PS-12G_V01 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.55 ~0.65
1.5 ~ 2.0
1
2
C
A-151
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
A
Features/Benefits
• Latching pushbutton
• Non-shorting with lock
• 5 mm travel
• SPDT
Typical Applications
• Automotive interior lighting
• Computer peripherals
• Appliances
PS-12G Series
Pushbutton Switches
Dimensions
WIDTH X DEPTH: 14 x 16.8 mm
HEIGHT: 18 mm
Specifications
CONTACT RATING: 1A @ 14 VDC
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 20,000 cycles with load
OPERATING FORCE: 400 ± 100 gf
OPERATING POSITION: 3.6 ± 0.2 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM (UL 94HB)
HOUSING: PBT (UL 94V-0)
COVER: PBT (UL 94V-0)
ROTOR: PBT (UL 94V-0)
SLIDER: POM (UL 94HB)
TERMINAL: Phospher bronze, silver plated
SPRING: Stainless steel
CONTACT: Phospher bronze, silver plated
PART NUMBER
PACKAGING
SCHEMATIC
PS-12G01
200 pieces
28 Nov 22
How To Order
Part number list is shown below. For individual part details, please refer to the following pages.
Part Number
(Part Description)
Product Details
PS-12G01
SPDT, non-shorting with lock, 1A @ 14 VDC, white actuator
PS-12G03
SPDT, non-shorting with lock, 2.2A @ 14.5 VDC, black actuator


同様の部品番号 - PS-12G_V01

メーカー部品番号データシート部品情報
logo
C&K Components
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
Pushbutton Switches
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
Latching pushbutton
PS-12G03 CK-COMPONENTS-PS-12G03 Datasheet
559Kb / 16P
Pushbutton Switches
PS-12G03 CK-COMPONENTS-PS-12G03 Datasheet
559Kb / 16P
Latching pushbutton
More results

同様の説明 - PS-12G_V01

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com