データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

901812 データシート(PDF) 2 Page - Alpha Wire

部品番号 901812
部品情報  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

901812 データシート(HTML) 2 Page - Alpha Wire

  901812 Datasheet HTML 1Page - Alpha Wire 901812 Datasheet HTML 2Page - Alpha Wire 901812 Datasheet HTML 3Page - Alpha Wire 901812 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications
Environmental
Properties
manufacture.]
1) UL
a) Component 1
MTW
90°C Dry / 60°C Wet / 600 VRMS
b) Overall
TC
90°C Dry / 90°C Wet / 600 VRMS
SUN RES
OIL RES I/II
PLTC
90°C
2) CSA International
C(RU) AWM I/II A/B
90°C / 600 VRMS
FT4
C(UL) CIC CONTROL
90°C / 600V VRMS
C(UL) TC
90°C / 600V VRMS
3) Other
Conductors ASTM Class K
4) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-30 to 90°C(static), -5 to 90°C (dynamic)


同様の部品番号 - 901812

メーカー部品番号データシート部品情報
logo
Alpha Wire
901812CY ALPHAWIRE-901812CY Datasheet
100Kb / 5P
Customer Specification
3/15/2023
More results

同様の説明 - 901812

メーカー部品番号データシート部品情報
logo
Alpha Wire
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
Customer Specification
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
Customer Specification
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com