| データシートサーチシステム |
|
AM68AX データシート(PDF) 177 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM68AX データシート(HTML) 177 Page - Texas Instruments |
|
177 / 251 page ![]() GPMC_FCLK GPMC_CLK GPMC_CSn[i] GPMC_A[MSB:1] GPMC_BE0n_CLE GPMC_BE1n GPMC_ADVn_ALE GPMC_OEn_REn GPMC_AD[15:0] GPMC_WAIT[j] Valid Address Valid Valid Data IN 0 Data IN 0 FA0 FA9 FA10 FA3 FA1 FA4 FA12 FA13 FA0 FA10 FA5 GPMC_06 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3. B. FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data will be internally sampled by active functional clock edge. FA5 value must be stored inside AccessTime register bits field. C. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. Figure 7-56. GPMC and NOR Flash — Asynchronous Read — Single Word www.ti.com AM68A SPRSP91 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 177 Product Folder Links: AM68A |