データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA データシート(PDF) 1 Page - Vishay Siliconix

部品番号 CA
部品情報  Wirewound Resistors, Commercial Power, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CA データシート(HTML) 1 Page - Vishay Siliconix

  CA Datasheet HTML 1Page - Vishay Siliconix CA Datasheet HTML 2Page - Vishay Siliconix CA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CA
www.vishay.com
Vishay Dale
End of Life November-2021
Revision: 18-Feb-2022
1
Document Number: 30214
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power, Axial Lead
FEATURES
• High performance for low cost
• Auto insertable
• CA0001, CA0002 and CA5000 models are
supplied with a high temperature silicone
coating for additional environmental protection
• Lead forming available
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Kitchen
appliances:
Percolators,
blenders,
mixers, ranges, toasters, deep fryers.
Entertainment
devices:
Radios,
televisions,
computers and power supplies.
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
Note
(1) CA4000 and CA5000 model numbers are calculated from the CA4000 power rating of 4 W per inch and CA5000 power rating of 5 W per
inch. The last three digits of the model number are the body length of the resistor in inches (decimal is between the first and second digit).
Example: CA5150 = 1.50 inches x 5 W per inch = 7.5 W.
Note
• Wirewound CA resistors can reliably function as a fuse and as a resistor. Such components involve compromise between fusing and resistive
functions; therefore, each design should be tailored to the application to ensure optimum performance. Contact factory by using the e-mail
address at the bottom of this page for design assistance.
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL (1)
HISTORICAL MODEL (1)
POWER RATING
P25 °C W
RESISTANCE RANGE
Ω
TOLERANCE
± %
WEIGHT (typical)
g
CA0001
CA-1
1.0
0.1 to 1K
5, 10
0.65
CA0002
CA-2
2.0
0.1 to 2.4K
5, 10
0.80
CA4000
CA-4xxx
2.0 to 8.8
0.1 to 1.02K
5, 10
See below
CA5000
CA-5xxx
2.5 to 11.0
0.1 to 7K
5, 10
See below
EXAMPLES
GLOBAL MODEL
HISTORICAL MODEL
POWER RATING
P25 °C W
RESISTANCE RANGE
Ω
TOLERANCE
± %
WEIGHT (typical)
g
CA4050/CA5050
CA-4050/CA-5050
2.0/2.5
0.1 to 170/0.1 to 2.7K
5, 10
0.64/0.78
CA4055/CA5055
CA-4055/CA-5055
2.2/2.75
0.1 to 195/0.1 to 3.1K
5, 10
0.65/0.80
CA4060/CA5060
CA-4060/CA-5060
2.4/3.0
0.1 to 220/0.1 to 3.5K
5, 10
0.66/0.82
CA4070/CA5070
CA-4070/CA-5070
2.8/3.5
0.1 to 270/0.1 to 4.3K
5, 10
0.68/0.86
CA4080/CA5080
CA-4080/CA-5080
3.2/4.0
0.1 to 320/0.1 to 5.1K
5, 10
0.70/0.90
CA4090/CA5090
CA-4090/CA-5090
3.6/4.5
0.1 to 370/0.1 to 5.9K
5, 10
0.72/0.94
CA4100/CA5100
CA-4100/CA-5100
4.0/5.0
0.15 to 420/0.15 to 6.7K
5, 10
0.74/0.98
CA4150/CA5150
CA-4150/CA-5150
6.0/7.5
0.2 to 630/0.2 to 7K
5, 10
0.84/1.19
CA4200/CA5200
CA-4200/CA-5200
8.0/10.0
0.2 to 920/0.2 to 7K
5, 10
0.94/1.40
CA4220/CA5220
CA-4220/CA-5220
8.8/11.0
0.2 to 1.02K/0.2 to 7K
5, 10
0.98/1.48
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CA RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 300 1
Ω and above, ± 600 below 1 Ω
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(
P x R)1/2
Dielectric Withstanding Voltage
VAC
600 (CA0001, CA0002 and CA5xxx only)
Operating Temperature Range
°C
- 65 to + 275
Terminal Strength (minimum)
lb
10
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: CA000150R00JR05
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Standard
Electrical Specifications
Global Model
column for options)
R = Decimal
K = Thousand
R1500 = 0.15
Ω
1K500 = 1500
Ω
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E14 = Lead (Pb)-free bulk
E05 = Lead (Pb)-free tape and reel
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
B14 = Tin/lead bulk
R05 = Tin/lead tape and reel
Historical Part Numbering example: CA-1 50
Ω 5 % R05
CA-1
50
Ω
5 %
R05
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
A
0
0
015
0
R
00
J
R
0
5
C


同様の説明 - CA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 05-Feb-2020
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 24-Feb-12
CP00101R000JE14 VISHAY-CP00101R000JE14 Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com