データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-17131.5ED200 データシート(PDF) 2 Page - Schneider Electric

部品番号 M-17131.5ED200
部品情報  size 17 1.8° 2-phase stepper motor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M-17131.5ED200 データシート(HTML) 2 Page - Schneider Electric

  M-17131.5ED200 Datasheet HTML 1Page - Schneider Electric M-17131.5ED200 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © Schneider Electric Motion USA
www.schneider-electric-motion.us
Torque-speed performance
Measured at 1.5 Amps RMS
Speed in full steps per second (rpm)
Torque in oz-in (N-cm)
0
37 (26)
53 (39)
18(13)
37 (26)
53 (39)
18(13)
37 (26)
53 (39)
18(13)
48 VDC
24 VDC
0
2000
(600)
4000
(1200)
6000
(1800)
M-1713-1.5
Speed in full steps per second (rpm)
Torque in oz-in (N-cm)
0
48 VDC
24 VDC
0
2000
(600)
4000
(1200)
6000
(1800)
M-1715-1.5
Speed in full steps per second (rpm)
Torque in oz-in (N-cm)
0
48 VDC
24 VDC
0
2000
(600)
4000
(1200)
6000
(1800)
M-1719-1.5
1 Brown
Ground
2 Violet
Index
3 Blue
Channel A
4 Orange +5 VDC input
5 Yellow
Channel B
1
no connect
2
+5 VDC input
3
Ground
4
no connect
5
Channel A –
pin function
pin function
wire
function
1 2 3 4 5
1 3 5 7 9
2 4 6 810
6
Channel A+
7
Channel B –
8
Channel B+
9
Index –
10
Index +
optional interface cable
available: ES-CABLE-2
interface cable included
t1
t2
Po
X
Y
Z
CH A +
CH B +
IDX +
CH A -
CH B -
IDX -
Parameter
Symbol
Min
Typ
Max
Units
Cycle error
3
5.5
ºe
Symmetry
130
180
230
ºe
Quadrature
40
90
140
ºe
Index pulse width
Po
60
90
120
ºe
Index rise (after Ch A or B rise)
t1
-300
100
250
ns
Index fall (after Ch A or B fall)
t2
70
150
1000
ns
C
t1
t2
Po
X
Y
Z
CH A
CH B
IDX
C
One cycle: 360 electrical degrees (ºe).
X/Y
Symmetry: the measure of the relationship between X and Y, nominally 180ºe.
Z
Quadrature: the phase lead or lag between channels A and B, nominally 90ºe.
Po
Index pulse width, nominally 90 ºe.
NOTE: Rotation is as viewed from the cover side of the encoder.
1.420
(36.0)
2X Ø 0.109 (2.7)
Ø 0.078 (1.98) 3 places
equally spaced on a
Ø 0.823 (20.9) bolt circle
0.750
(19.0)
0.600
(15.2)
1.700
(43.1)
0.69
(17.5)
Optical Encoder Option
Dimensions in inches (mm)
Timing
Connectivity
single-end encoder
differential encoder
single-end encoder
differential encoder


同様の部品番号 - M-17131.5ED200

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
M-1005 VISHAY-M-1005 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
M-1010 VISHAY-M-1010 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Switchcraft, Inc.
M-1018 SWITCH-M-1018 Datasheet
836Kb / 1P
MOUNTING HARDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
MOUNTING HAREDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
MOUNTING HARDWARE
More results

同様の説明 - M-17131.5ED200

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
MotionKing Motor Indust...
8H2A MOTIONKING-8H2A Datasheet
114Kb / 1P
2 Phase Hybrid Stepper Motor
14H2K MOTIONKING-14H2K Datasheet
78Kb / 1P
2 Phase Hybrid Stepper Motor
16H2A MOTIONKING-16H2A Datasheet
88Kb / 1P
2 Phase Hybrid Stepper Motor
24H2A MOTIONKING-24H2A Datasheet
87Kb / 1P
2 Phase Hybrid Stepper Motor
34H2B MOTIONKING-34H2B Datasheet
89Kb / 1P
2 Phase Hybrid Stepper Motor
43H2A MOTIONKING-43H2A Datasheet
117Kb / 1P
2 Phase Hybrid Stepper Motor
logo
Mitsubishi Electric Sem...
M54646AP MITSUBISHI-M54646AP Datasheet
121Kb / 6P
2-PHASE STEPPER MOTOR DRIVER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com