データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM78 データシート(PDF) 29 Page - Microchip Technology

部品番号 BM78
部品情報  Bluetooth® Dual-Mode Module
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 データシート(HTML) 29 Page - Microchip Technology

Back Button BM78_V01 Datasheet HTML 25Page - Microchip Technology BM78_V01 Datasheet HTML 26Page - Microchip Technology BM78_V01 Datasheet HTML 27Page - Microchip Technology BM78_V01 Datasheet HTML 28Page - Microchip Technology BM78_V01 Datasheet HTML 29Page - Microchip Technology BM78_V01 Datasheet HTML 30Page - Microchip Technology BM78_V01 Datasheet HTML 31Page - Microchip Technology BM78_V01 Datasheet HTML 32Page - Microchip Technology BM78_V01 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
 2016-2019 Microchip Technology Inc.
DS60001380B-Page 29
BM78
4.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the electrical characteristics of the BM78 module. Additional information will
be provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the BM78 module are listed below. Exposure to these maximum rating conditions for
extended periods may affect device reliability. Functional operation of the device at these or any other conditions, above
the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings
Ambient temperature under bias...............................................................................................................-20°C to +70°C
Storage temperature .............................................................................................................................. -40°C to +125°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +3.6V
Maximum output current sink by any I/O pin..........................................................................................................12 mA
Maximum output current sourced by any I/O pin.....................................................................................................12 mA
Note:
Stresses listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. The functional operation of the device at those or any other conditions and those
indicated in the operation listings of this specification, is not implied. Exposure to maximum rating condi-
tions for extended periods may affect device reliability.


同様の部品番号 - BM78_V01

メーカー部品番号データシート部品情報
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM7805L BOOKLY-BM7805L Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78L05A BOOKLY-BM78L05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M BOOKLY-BM78M Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M05A BOOKLY-BM78M05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - BM78_V01

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
Dual Mode, Place and Play Bluetooth Module
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
Laird Tech Smart Techno...
BT850 LSTD-BT850 Datasheet
2Mb / 34P
Bluetooth v5 Dual-Mode USB HCI Module
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com