データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM78 データシート(PDF) 31 Page - Microchip Technology

部品番号 BM78
部品情報  Bluetooth® Dual-Mode Module
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 データシート(HTML) 31 Page - Microchip Technology

Back Button BM78_V01 Datasheet HTML 27Page - Microchip Technology BM78_V01 Datasheet HTML 28Page - Microchip Technology BM78_V01 Datasheet HTML 29Page - Microchip Technology BM78_V01 Datasheet HTML 30Page - Microchip Technology BM78_V01 Datasheet HTML 31Page - Microchip Technology BM78_V01 Datasheet HTML 32Page - Microchip Technology BM78_V01 Datasheet HTML 33Page - Microchip Technology BM78_V01 Datasheet HTML 34Page - Microchip Technology BM78_V01 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
 2016-2019 Microchip Technology Inc.
DS60001380B-Page 31
BM78
Note 1: SAR_BAT is connected with BAT_IN internally for battery voltage detection.
TABLE 4-5:
INTENSITY CONTROLLABLE LED DRIVER
Note 1: Classic BR/EDR and RX_IND functions are enabled.
2: The data corresponds to BM78SPPx5NC2 (ROM variant).
TABLE 4-4:
SAR-ADC AND BATTERY VOLTAGE DETECTOR
Parameter
Min.
Typical
Max.
Unit
Operating Temperature
-20
+70
ºC
AVDD_SAR power supply
1.8
V
SAR_BAT detection (Note 1)
3.3
4.2
V
Resolution
10
bit
Operating Current (including bandgap)
1
mA
Deep-sleep Current
1
μA
Parameter
Min.
Typical
Max.
Unit
Operating Temperature
-20
+70
ºC
Open-drain Voltage
3.6
V
Current Step
0.3
mA
Programmable Current Range
0
5
mA
Intensity Control
16
step
Power Down Open-drain current
1
μA
Deep-sleep Current
1
μA
TABLE 4-6:
POWER CONSUMPTION-CLASSIC
Test Condition
Current Consumption (avg.) (mA)
Remarks
Standby mode
2.543
Deep-Sleep mode
0.187
Connected+Sniff, Master (no data)
0.541
No data was transmitted
Sniff interval = 500 ms
Connected+Sniff, Slave (no data)
0.551
No data was transmitted
Sniff interval = 500 ms
Data, Master
10.67
Data transmitted at 115200 bps;
block size = 500
Data, Slave
14.87
Data transmitted at 115200 bps;
block size = 500


同様の部品番号 - BM78_V01

メーカー部品番号データシート部品情報
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM7805L BOOKLY-BM7805L Datasheet
222Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78L05A BOOKLY-BM78L05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M BOOKLY-BM78M Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
BM78M05A BOOKLY-BM78M05A Datasheet
332Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - BM78_V01

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
Dual Mode, Place and Play Bluetooth Module
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
Laird Tech Smart Techno...
BT850 LSTD-BT850 Datasheet
2Mb / 34P
Bluetooth v5 Dual-Mode USB HCI Module
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com